Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 188 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 188 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 184Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 185Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 186Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 187Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 188Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 189Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 190Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 191Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
188/371
Figure 77.
Typical command signals of a three-phase induction motor
1.
These simplified chronograms represent the phase voltages after low-pass filtering of the PWM outputs
reference signals.
10.6.5
Functional description
The MTC can be split into five main parts as shown in the simplified block diagram in
Figure 78. Each of these parts may be configured for different purposes:
●
Input detection block with a comparator, an input multiplexer and an incremental
encoder interface, which may work as:
–
a BEMF zero-crossing detector
–
a speed sensor interface
●
The delay manager with an 8/16-bit timer and an 8x8 bit multiplier, which may work as:
–
an 8-bit delay manager
–
a speed measurement unit
●
The PWM manager, including a measurement window generator, a mode selector and
a current comparator
●
The channel manager with the PWM multiplexer, polarity programming, deadtime
insertion and high frequency chopping capability and emergency HiZ configuration
input
●
The three-phase PWM generator with 12-bit free-running counter and repetition
counter
Phase A (1)
Phase B (1)
Phase C (1)
C
A
B
HV
T4
T5
T0
T1
T2
T3
1%
0%
1%
PWM output
PWM
51% 50% 49%
period
Duty cycle
100%
99%
99%
PWM output
Duty cycle
PWM output
Duty cycle
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com