Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 192 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 192 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 188Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 189Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 190Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 191Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 192Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 193Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 194Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 195Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
192/371
Sensorless mode
This mode is used to detect BEMF zero crossing and end of demagnetization events.
The analog phase multiplexer connects the non-excited motor winding to an analog 100mV
hysteresis comparator referred to a selectable reference voltage.
IS[1:0] bits in MPHST register allow the input to be selected which drives to the comparator
(either MCIA, B or C). Be careful that the comparator is OFF until CKE and/or DAC bits are
set in MCRA register.
The VR[2:0] bits in the MCRC register select the reference voltage from seven internal
values depending on the noise level and the application voltage supply. The reference
voltage can also be set externally through the MCVREF pin when the VR[2:0] bits are set.
BEMF detections are performed during the measurement window, when the excited
windings are free-wheeling through the low side switches and diodes. At this stage the
common star connection voltage is near to ground voltage (instead of VDD/2 when the
excited windings are powered) and the complete BEMF voltage is present on the non-
excited winding terminal, referred to the ground terminal.
The zero crossing sampling frequency is then defined, in current mode, by the
measurement window generator frequency (SA[3:0] bits in the MPRSR register) or, in
voltage mode, by the PWM generator frequency and phase U duty cycle.
During a short period after a phase commutation (C event), the winding where the back-emf
is read is no longer excited but needs a demagnetization phase during which the BEMF
cannot be read. A demagnetization current goes through the free-wheeling diodes and the
winding voltage is stuck at the high voltage or to the ground terminal. For this reason an ‘end
of demagnetization event’ D must be detected on the winding before the detector can sense
a BEMF zero crossing.
For the end-of-demagnetization detection, no special PWM configuration is needed; the
comparator sensing is done at a selectable frequency (fSCF) (see Table 166).
So the three events C (commutation), D (demagnetization) and Z (BEMF zero crossing)
must always occur in this order in autoswitched mode when hard commutation is selected.
Table 83.
Threshold voltage setting
VR2
VR1
VR0
VREF voltage threshold
111
Threshold voltage set by external MCVREF pin
typical value for VDD =5V
1
1
0
3.5V
1
0
1
2.5V
100
2V
0
1
1
1.5V
010
1V
0
0
1
0.6V
0
0
0
0.2V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com