Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 195 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 195 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 191Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 192Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 193Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 194Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 195Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 196Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 197Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 198Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
195/371
Z event detection
In sensorless mode, the Z window filter becomes active after each D event. It blanks out the
Z event during the time window defined by the ZWF[3:0] bits in the MZFR register (see
Table 86). The reset value is 200µs. This window filter becomes active after both hardware
and software D events.
The Z event filter becomes active after the Z window filter. It counts the number of
consecutive Z events up to a limit defined by the ZEF[3:0] bits in the MZFR register. The
reset value is 1. The Z bit is set when the counter limit is reached.
Sampling is done at a selectable frequency (fSCF), see Table 166.
The Z event filter is active only for a hardware Z event (ZH). For a simulated (ZS) event, it is
forced to 1. Z event filter is also active in sensor mode.
Figure 81.
Z window and event filter flowchart
1110
15
No D event filter
1111
16
Table 85.
D event filter setting (continued)
DEF3
DEF2
DEF1
DEF0
D event limit
SR = 1
D
No
End of
blanking
Z event?
Sampling
Limit = 1?
Reset counter
Increment counter
Set the Z bit
Counter = limit?
Yes
Window
filter
Event
filter
window?
No
No
No
Yes
Yes
Yes
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com