Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 191 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 191 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 187Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 188Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 189Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 190Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 191Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 192Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 193Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 194Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
191/371
Figure 79.
Input stage in sensorless or sensor mode (bits TES[1:0] = 00)
1.
Preload register; changes taken into account at next C event
VREF
Inputn sel reg
VR[2:0]
MCIC
MCIA
MCIB
A
B
C
IS[1:0]
CS,H
00
01
10
+
-
Input block
Input comparator block
Event detection
D
Q
CP
ZVD bit
HDMn bit
(1)
to ZH generation
or
or
or
or
1
2
CPBn bit
(1)
REO bit
CS,H
DS,H
CPBn bit
(1)
V
I
12-bit PWM generator signal U
Sampling frequency
Sample
CS,H
DS,H
MPHST register
MPOL register
MCRA register
MCRB register
MPOL register
MCRB register
Reg
C
DS,H
Z
Events
Commutation
BEMF zero-crossing
End of demagnetization
E
Emergency stop
Notes
Updated/shifted on R
Ratio updated (+1 or -1)
Multiplier overflow
R+/-
O
Current mode
Voltage mode
I
V
Regn Updated with regn+1
1
2
Branch taken after C
MCRC register
MCVREF
PZ bit
MCRA register
111
Sample
SPLG bit
MCRC register
SR bit
MCONF register
DS[3:0] bits
2
1
DWF[3:0]
MDFR register
ZWF[3:0]
MZFR register
SR bit
MCRA register
to DH generation
Z event generation
D event generation
fSCF
V0C1 bit
MCRA register
on C
event
Branch taken after D
event
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com