Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 234 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 234 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 230Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 231Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 232Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 233Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 234Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 235Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 236Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 237Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
234/371
10.6.8
PWM manager
The PWM manager controls the motor via the six output channels in voltage mode or
current mode depending on the V0C1 bit in the MCRA register. A block diagram of this part
is given in Figure 107.
Voltage mode
In voltage mode (V0C1 bit = ‘0’), the PWM signal which is applied to the switches is
generated by the 12-bit PWM generator compare U.
Its duty cycle is programmed by software (refer to the PWM Generator section) as required
by the application (speed regulation for example).
The current comparator is used for safety purposes as a current limitation. For this feature,
the detected current must be present on the MCCFI pin and the current limitation must be
present on pin MCCREF. This current limitation is fixed by a voltage reference depending on
the maximum current acceptable for the motor. This current limitation is generated with the
VDD voltage by means of an external resistor divider but can also be adjusted with an
external reference voltage (
≤5V). The external components are adjusted by the user
depending on the application needs. In voltage mode, it is mandatory to set a current
limitation. As this limitation is set for safety purposes, an interrupt can be generated when
the motor current feedback reaches the current limitation in voltage mode. This is the
current limitation interrupt and it is enabled by setting the corresponding CLM bit in the
MIMR register. This is useful in voltage mode for security purposes.
The PWM signal is directed to the channel manager that connects it to the programmed
outputs (see Figure 107).
Over current handling in voltage mode
When the current limitation interrupt is enabled by setting the CLIM bit in the MIMR register
(available only in voltage mode), the OCV bit in MCRB register determines the effect of this
interrupt on the MCOx outputs as shown in Table 101.
For safety purposes, it can be necessary to put all MCOx outputs in reset state (high
impedance, high state or low state depending on the setting made by the option byte) on a
current limitation interrupt. This is the purpose of the OCV bit. When a current limitation
interrupt occurs, if the OCV bit is reset, the effect on the MCOx outputs is only to put the
PWM signal OFF on the concerned outputs. If the OCV bit is set, when the current limitation
interrupt occurs, all the MCOx outputs are put in reset state.
Table 101.
OCV bit effect
CLIM bit
CLI bit
OCV bit
Output effect
Interrupt
0
0
x
Normal running mode
No
0
1
x
PWM is put OFF on current loop effect
No
1
0
x
Normal running mode
No
1
1
0
PWM is put OFF on current loop effect
Yes
1
1
1
All MCOx outputs are put in reset state (MOE reset)(1)
1.
Only this functionality (CLIM = CLI = OCV = 1) is valid when the three PWM channels are enabled (PCN
bit = 1 in the MDTG register). It can also be used as an over-current protection for three-phase PWM
application (only if voltage mode is selected).
Yes
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com