Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 236 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 236 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 232Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 233Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 234Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 235Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 236Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 237Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 238Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 239Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
236/371
The current window filter is activated each time the PWM is turned ON. It blanks the output
of the current comparator during the time set by the CFW[2:0] bits in the MCFR register. The
reset value is 000b (blanking window off).
The current feedback filter sets the number of consecutive valid samples (when current is
above the limit) needed to generate the active CL event used to turn off the PWM. The reset
value is 1.
The sampling of the current comparator is done at fPERIPH/4.
The ON time of the resulting PWM starts at the end of the measurement window (rising
edge), and ends either at the beginning of the next measurement window (falling edge), or
when the current level is reached.
Note:
Be careful that the current comparator is OFF until the CKE and/or DAC bits are set in the
MCRA register.
Table 102.
Current window filter setting(1)
1.
Times are indicated for 4 MHz fPERIPH.
CFW2
CFW1
CFW0
Blanking window length
0
0
0
Blanking window off
0
0
1
0.5 µs
01
0
1 µs
0
1
1
1.5 µs
10
0
2 µs
1
0
1
2.5 µs
11
0
3 µs
1
1
1
3.5 µs
Table 103.
Current feedback filter setting
CFF2
CFF1
CFF0
No. of feedback samples needed to turn off PWM
00
0
1
00
1
2
01
0
3
01
1
4
10
0
5
10
1
6
11
0
7
11
1
8
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com