Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 239 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 239 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 235Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 236Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 237Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 238Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 239Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 240Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 241Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 242Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 243Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
239/371
Warning:
If the off time value set is superior than the period of the PWM signal (for
example 40µs off time for a 50 kHz (25µs period) PWM frequency), then
the signal output on MCOx pins selected is a 100% duty cycle signal
(always at 1).
1101
961 Hz
1110
625 Hz
1111
390 Hz
1.
Times are indicated for 4 MHz fPERIPH.
Table 106.
Off time table(1)
1.
Times are indicated for 4 MHz fPERIPH.
OT3
OT2
OT1
OT0
OFF time sensorless mode
(SR = 0) (DS[3:0] = 0)
Sensor mode (SR = 1) or
sampling during ON time in
sensorless mode
(SPLG = 1 and/or DS[3:0] bits)
0
0
0
0
2.5 µs
No minimum off time
0
0
0
1
5 µs
0
0
1
0
7.5 µs
00
1
1
10 µs
0
1
0
0
12.5 µs
01
0
1
15 µs
0
1
1
0
17.5 µs
01
1
1
20 µs
1
0
0
0
22.5 µs
10
0
1
25 µs
1
0
1
0
27.5 µs
10
1
1
30 µs
1
1
0
0
32.5 µs
11
0
1
35 µs
1
1
1
0
37.5 µs
11
1
1
40 µs
Table 105.
Sampling frequency selection(1) (continued)
SA3
SA2
SA1
SA0
Sampling frequency
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com