Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 238 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 238 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 234Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 235Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 236Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 237Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 238Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 239Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 240Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 241Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 242Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
238/371
Figure 107. Current feedback
Table 105.
Sampling frequency selection(1)
SA3
SA2
SA1
SA0
Sampling frequency
0000
50.0 kHz
0001
40.0 kHz
0010
33.33 kHz
0011
25.0 kHz
0100
20.0 kHz
0101
18.1 kHz
0110
15.4 kHz
0111
12.5 kHz
1000
10 kHz
1001
6.25 kHz
1010
3.13 kHz
1011
1.56 kHz
1100
1.25 kHz
OAZ
Filter
VCREF
12-bit PWM generator
MCCREF
CEXT
VCREF MAX = VDD
power down mode
To phase state control
CFW[2:0] bits
(V)
R1ext
R2ext
VDD
(I)
Legend:
(
I): Current mode
(V): Voltage mode
CLI: Current limitation interrupt
+
-
OAON bit
OACSR
register
V
I
12-bit PWM generator/compare U
V0C1 bit
MCRA register
Internal clock sampling frequency
MCFR register
D
CP
S
Q
Q
R
OAN
OAP
MCPWMU/V/W
+
-
PWME[U:V:W] bit
MREF register
MCCFI0
CFAV bit
MREF
register
ADC
CLI
CFF[2:0] bits
MCFR register
(MCCFI1)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com