Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 273 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 273 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 269Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 270Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 271Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 272Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 273Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 274Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 275Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 276Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 277Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
273/371
Motor D event filter register (MDFR)
2:0 CFW[2:0]
Current window filter bits
These bits select the length of the blanking window activated each time PWM is
turned on(2):
000: blanking window = off
001: blanking window = 0.5µs
010: blanking window = 1µs
011: blanking window = 1.5µs
100: blanking window = 2µs
101: blanking window = 2.5µs
110: blanking window = 3µs
111: blanking window = 3.5µs
The filter blanks the output of the current comparator.
1.
Sampling is done at fPERIPH/4.
2.
Times are indicated for 4 MHz fPERIPH.
MDFR
Reset value: 0000 1111 (0Fh)
7
654
32
10
DEF[3:0]
DWF[3:0]
R/W
R/W
Table 139.
MDFR register description
Bit
Name
Function
7:4 DEF[3:0]
D event filter bits
These bits select the number of valid consecutive D events (when the D event is
detected) needed to generate the active event. See Table 140.
3:0 DWF[3:0]
D window filter bits
These bits select the length of the blanking window activated at each C event. The
filter blanks the D event detection. See Table 141.
Table 140.
D event filter setting(1)
DEF3
DEF2
DEF1
DEF0
D event samples
SR = 1
0000
1
No D event filter
0001
2
0010
3
0011
4
0100
5
0101
6
0110
7
0111
8
1000
9
Table 138.
MCFR register description (continued)
Bit
Name
Function
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com