Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 275 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 275 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 271Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 272Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 273Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 274Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 275Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 276Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 277Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 278Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 279Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
275/371
Reference register (MREF)
MREF
Reset value: 0000 0000 (00h)
7
654
32
10
HST
CL
CFAV
HFE[1:0]
HFRQ[2:0]
R/W
R/W
R/W
R/W
R/W
Table 142.
MREF register description
Bit
Name
Function
7
HST
Hysteresis comparator value
This read only bit contains the hysteresis comparator output.
0: Demagnetization/BEMF comparator is under VREF
1: Demagnetization/BEMF comparator is above VREF
6CL
Current loop comparator value
This read only bit contains the current loop comparator output value.
0: Current detect voltage is under VCREF
1: Current detect voltage is above VCREF
5CFAV
Current feedback amplifier entry validation
0: OAZ(MCCFI1) is the current comparator entry
1: MCCFI0 is the current comparator entry
4:3
HFE[1:0]
Chopping mode selection
These bits select the chopping mode:
00: Chopping mode = off
01: Chopping mode = on low channels only
10: On high channels only
11: Both high and low channels
2:0 HFRQ[2:0]
Chopper frequency selection
These bits select the chopping frequency (see Table 143).
Table 143.
Chopping frequency selection(1)
1.
The chopper signal has a 50% duty cycle.
HFRQ2
HFRQ1
HFRQ0
Chopping frequency
Fmtc = 16MHz
Fmtc =8MHz
Fmtc =4MHz
0
0
0
100 kHz
50 kHz
0
0
1
200 kHz
100 kHz
0
1
0
400 kHz
200 kHz
0
1
1
500 kHz
250 kHz
1
0
0
800 kHz
400 kHz
1
0
1
1 MHz
500 kHz
1
1
0
1.33 MHz
666.66 MHz
11
1
2 MHz
1 MHz
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com