Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 276 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 276 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 272Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 273Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 274Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 275Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 276Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 277Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 278Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 279Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 280Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
276/371
PWM control register (MPCR)
MPCR
Reset value: 0000 0000 (00h)
7
654
32
10
PMS
OVFU
OVFV
OVFW
CMS
PCP[2:0]
R/W
R/W
R/W
R/W
R/W
R/W
Table 144.
MPCR register description
Bit
Name
Function
7
PMS
PWM mode selection
0: Standard mode: bit b7 in the MCPxH register represents the extension bit
1: ‘8-bit’ mode: bit b7 (extension bit) in the MCPxH register is located in the MPCR
register (OVFx bits). The number of active bits in MCPxH and MCPxL is
decreased to b15:b8 instead of b15:b3.
6OVFU
Phase U 100% duty cycle selection
0: Duty cycle defined by MCPUH:MCPUL register
1: Duty cycle set at 100% on phase U at next update event and maintained until the
next one. This bit is reset once transferred to the active register on update event.
5OVFV
Phase V 100% duty cycle selection
0: Duty cycle defined by MCPVH:MCPVL register
1: Duty cycle set at 100% on phase V at next update event and maintained until the
next one. This bit is reset once transferred to the active register on update event
4OVFW
Phase W 100% duty cycle selection
0: Duty cycle defined by MCPWH:MCPWL register
1: Duty cycle set at 100% on phase W at next update event and maintained until
the next one. This bit is reset once transferred to the active register on update
event.
3CMS
PWM counter mode selection
0: Edge-aligned mode
1: Center-aligned mode
2:0 PCP[2:0]
PWM counter prescaler value
This value divides the Fmtc frequency by N, where N is PCP[2:0] value. The
resulting frequency of the PWM counter input clock is shown below:
000: PWM counter input clock = Fmtc
001: PWM counter input clock = Fmtc/2
010: PWM counter input clock = Fmtc/3
011: PWM counter input clock = Fmtc/4
100: PWM counter input clock = Fmtc/5
101: PWM counter input clock = Fmtc/6
110: PWM counter input clock = Fmtc/7
111: PWM counter input clock = Fmtc/8
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com