Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 149Page - STMicroelectronics ST72344K4 Datasheet HTML 150Page - STMicroelectronics ST72344K4 Datasheet HTML 151Page - STMicroelectronics ST72344K4 Datasheet HTML 152Page - STMicroelectronics ST72344K4 Datasheet HTML 153Page - STMicroelectronics ST72344K4 Datasheet HTML 154Page - STMicroelectronics ST72344K4 Datasheet HTML 155Page - STMicroelectronics ST72344K4 Datasheet HTML 156Page - STMicroelectronics ST72344K4 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 247 page
background image
ST72344xx, ST2345xx
On-chip peripherals
Doc ID 12321 Rev 6
153/247
Address not matched: the interface ignores it and waits for another Start condition.
Address matched: the interface generates in sequence:
●
Acknowledge pulse if the ACK bit is set.
●
EVF and ADSL bits are set with an interrupt if the ITE bit is set.
Then the interface waits for a read of the SR1 register, holding the SCL line low (see
Figure 69 Transfer sequencing EV1).
Next, in 7-bit mode read the DR register to determine from the least significant bit (Data
Direction Bit) if the slave must enter Receiver or Transmitter mode.
In 10-bit mode, after receiving the address sequence the slave is always in receive mode. It
will enter transmit mode on receiving a repeated Start condition followed by the header
sequence with matching address bits and the least significant bit set (11110xx1).
Slave receiver
Following the address reception and after SR1 register has been read, the slave receives
bytes from the SDA line into the DR register via the internal shift register. After each byte the
interface generates in sequence:
●
Acknowledge pulse if the ACK bit is set
●
EVF and BTF bits are set with an interrupt if the ITE bit is set.
Then the interface waits for a read of the SR1 register followed by a read of the DR register,
holding the SCL line low (see Figure 69 Transfer sequencing EV2).
Slave transmitter
Following the address reception and after SR1 register has been read, the slave sends
bytes from the DR register to the SDA line via the internal shift register.
The slave waits for a read of the SR1 register followed by a write in the DR register, holding
the SCL line low (see Figure 69 Transfer sequencing EV3).
When the acknowledge pulse is received:
●
The EVF and BTF bits are set by hardware with an interrupt if the ITE bit is set.
Closing slave communication
After the last data byte is transferred a Stop Condition is generated by the master. The
interface detects this condition and sets:
●
EVF and STOPF bits with an interrupt if the ITE bit is set.
Then the interface waits for a read of the SR2 register (see Figure 69 Transfer sequencing
EV4).
Error cases
●
BERR: Detection of a Stop or a Start condition during a byte transfer. In this case, the
EVF and the BERR bits are set with an interrupt if the ITE bit is set.
If it is a Stop, then the interface discards the data, released the lines and waits for
another Start condition.
If it is a Start, then the interface discards the data and waits for the next slave address
on the bus.
●
AF: Detection of a non-acknowledge bit. In this case, the EVF and AF bits are set with
an interrupt if the ITE bit is set.
The AF bit is cleared by reading the I2CSR2 register. However, if read before the
completion of the transmission, the AF flag will be set again, thus possibly generating a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com