Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 153Page - STMicroelectronics ST72344K4 Datasheet HTML 154Page - STMicroelectronics ST72344K4 Datasheet HTML 155Page - STMicroelectronics ST72344K4 Datasheet HTML 156Page - STMicroelectronics ST72344K4 Datasheet HTML 157Page - STMicroelectronics ST72344K4 Datasheet HTML 158Page - STMicroelectronics ST72344K4 Datasheet HTML 159Page - STMicroelectronics ST72344K4 Datasheet HTML 160Page - STMicroelectronics ST72344K4 Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 247 page
background image
ST72344xx, ST2345xx
On-chip peripherals
Doc ID 12321 Rev 6
157/247
Figure 69.
Transfer sequencing
Legend: S = Start, Sr = Repeated Start, P = Stop, A = Acknowledge, NA = Non-
acknowledge, EVx = Event (with interrupt if ITE=1)
EV1: EVF=1, ADSL=1, cleared by reading SR1 register.
EV2: EVF=1, BTF=1, cleared by reading SR1 register followed by reading DR register.
EV3: EVF=1, BTF=1, cleared by reading SR1 register followed by writing DR register.
EV3-1: EVF=1, AF=1, BTF=1; AF is cleared by reading SR1 register. BTF is cleared by
releasing the lines (STOP=1, STOP=0) or by writing DR register (DR=FFh).
Note:
If lines are released by STOP=1, STOP=0, the subsequent EV4 is not seen.
EV4: EVF=1, STOPF=1, cleared by reading SR2 register.
EV5: EVF=1, SB=1, cleared by reading SR1 register followed by writing DR register.
7-bit Slave receiver:
7-bit Slave transmitter:
7-bit Master receiver:
7-bit Master transmitter:
10-bit Slave receiver:
10-bit Slave transmitter:
10-bit Master transmitter
10-bit Master receiver:
S Address A
Data1 A
Data2 A
.....
DataN A
P
EV1
EV2
EV2
EV2
EV4
S Address A
Data1 A
Data2 A
.....
DataN NA
P
EV1 EV3
EV3
EV3
EV3-1
EV4
S
Address A
Data1 A
Data2 A
.....
DataN NA
P
EV5
EV6
EV7
EV7
EV7
S
Address A
Data1 A
Data2 A
.....
DataN A
P
EV5
EV6 EV8
EV8
EV8
EV8
S Header A Address A
Data1 A
.....
DataN A
P
EV1
EV2
EV2
EV4
Sr Header A
Data1 A
.....
DataN A
P
EV1 EV3
EV3
EV3-1
EV4
S
Header A
Address A
Data1 A
.....
DataN A
P
EV5
EV9
EV6 EV8
EV8
EV8
Sr
Header A
Data1
A
.....
DataN
A
P
EV5
EV6
EV7
EV7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com