Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 204 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 204 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 200Page - STMicroelectronics ST72344K4 Datasheet HTML 201Page - STMicroelectronics ST72344K4 Datasheet HTML 202Page - STMicroelectronics ST72344K4 Datasheet HTML 203Page - STMicroelectronics ST72344K4 Datasheet HTML 204Page - STMicroelectronics ST72344K4 Datasheet HTML 205Page - STMicroelectronics ST72344K4 Datasheet HTML 206Page - STMicroelectronics ST72344K4 Datasheet HTML 207Page - STMicroelectronics ST72344K4 Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 247 page
background image
Electrical characteristics
ST72344xx, ST2345xx
204/247
Doc ID 12321 Rev 6
13.4
Internal RC oscillator characteristics
Figure 88.
Typical RC frequency vs. RCCR
Table 92.
Internal RC oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
Internal RC oscillator
frequency (1)
RCCR = FF (reset value), TA = 25 °C,
VDD =5V
625
kHz
RCCR = RCCR0 (2), TA = 25 °C, VDD = 5 V
1000
RCCR = FF (reset value), TA = 25 °C,
VDD =3V
612
RCCR = RCCR1(2), TA = 25 °C, VDD = 3 V
1000
ACCRC
Accuracy of Internal RC
oscillator with
RCCR=RCCR0 (2)
TA = 25 °C, VDD = 5 V
-1
+1
%
TA = 25 °C, VDD = 4.5 to 5.5 V
(3)
-1
+1
%
TA = 25 to +85 °C, VDD = 5 V
(3)
-3
+3
%
TA = 25 to +85 °C, VDD = 4.5 to 5.5 V
(3)
-3.5
+3.5
%
TA = -40 to +25 °C, VDD = 4.5 to 5.5 V
(3)
-3
+7
%
IDD(RC)
RC oscillator current
consumption
TA = 25 °C, VDD = 5 V
600 (3)
μA
tsu(RC)
RC oscillator setup time
TA = 25 °C, VDD = 5 V
10 (2)
μs
1.
If the RC oscillator clock is selected, to improve clock stability and frequency accuracy, it is recommended to place a
decoupling capacitor, typically 100 nF, between the VDD and VSS pins as close as possible to the ST7 device.
It is also recommended to perform the calibration on board.
2.
See Internal RC oscillator.
3.
Expected results. Data based on characterization, not tested in production.
Typical Rc freq (MHz) = f(RCCR) @ 25°C
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
50
100
150
200
250
RCCR (decimal)
Rc @ 5V
Rc @ 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com