Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 205 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 205 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 201Page - STMicroelectronics ST72344K4 Datasheet HTML 202Page - STMicroelectronics ST72344K4 Datasheet HTML 203Page - STMicroelectronics ST72344K4 Datasheet HTML 204Page - STMicroelectronics ST72344K4 Datasheet HTML 205Page - STMicroelectronics ST72344K4 Datasheet HTML 206Page - STMicroelectronics ST72344K4 Datasheet HTML 207Page - STMicroelectronics ST72344K4 Datasheet HTML 208Page - STMicroelectronics ST72344K4 Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 247 page
background image
ST72344xx, ST2345xx
Electrical characteristics
Doc ID 12321 Rev 6
205/247
13.5
Supply current characteristics
The following current consumption specified for the ST7 functional operating modes over
temperature range does not take into account the clock source current consumption. To get
the total device consumption, the two current values must be added (except for Halt mode
for which the clock is stopped).
Table 93.
Supply current
Symbol
Parameter
Conditions(1)
1.
TA = -40 to +85°C unless otherwise specified
Typ
Max
Unit
IDD
Supply current in Run mode
fCPU = 8 MHz
(2)
2.
CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all
peripherals in reset state; clock input (OSC1) driven by external square wave, LVD disabled.
8.5
13
mA
Supply current in Wait mode
fCPU = 8 MHz
(3)
3.
All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; clock
input (OSC1) driven by external square wave, LVD disabled.
3.7
6
Supply current in Slow mode
fCPU = 250 kHz
(4)
4.
Slow mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at
VDD or VSS (no load), all peripherals in reset state; clock input (OSC1) driven by external square wave,
LVD disabled.
4.1
7
Supply current in Slow-wait
mode
fCPU = 250 kHz
(5)
5.
Slow-wait mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static
value at VDD or VSS (no load), all peripherals in reset state; clock input (OSC1) driven by external square
wave, LVD disabled.
2.2
3.5
Supply current in Halt mode (6)
6.
All I/O pins in output mode with a static value at VSS (no load), LVD disabled. Data based on
characterization results, tested in production at VDD max and fCPU max.
-40°C
≤T
A ≤ +85 °C
1
10
µA
Supply current in AWUFH
mode (7)(8)
7.
All I/O pins in input mode with a static value at VDD or VSS (no load). Data tested in production at VDD max.
and fCPU max.
8.
This consumption refers to the Halt period only and not the associated run period which is software
dependent.
TA= +25 °C
50
60
Supply current in Active-halt
mode (6)(7)
TA= +25 °C
500
700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com