Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S4 Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 75Page - STMicroelectronics ST72344S4 Datasheet HTML 76Page - STMicroelectronics ST72344S4 Datasheet HTML 77Page - STMicroelectronics ST72344S4 Datasheet HTML 78Page - STMicroelectronics ST72344S4 Datasheet HTML 79Page - STMicroelectronics ST72344S4 Datasheet HTML 80Page - STMicroelectronics ST72344S4 Datasheet HTML 81Page - STMicroelectronics ST72344S4 Datasheet HTML 82Page - STMicroelectronics ST72344S4 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 247 page
background image
ST72344xx, ST2345xx
I/O ports
Doc ID 12321 Rev 6
79/247
10.5.1
I/O port implementation
The I/O port register configurations are summarized as follows.
Standard ports: PA[5:4], PC[7:0], PD[5:0], PE0, PF[7:6], PF4
Interrupt ports: PB4, PB[2:0], PF[1:0] (with pull-up)
PA3, PE1, PB3, PF2 (without pull-up)
True open-drain ports: PA[7:6], PD[7:6]
Table 31.
I/O port register configurations (standard ports)
Mode
DDR
OR
floating input
0
0
pull-up input
0
1
open drain output
1
0
push-pull output
1
1
Table 32.
I/O port register configurations (interrupt ports with pull-up)
Mode
DDR
OR
floating input
0
0
pull-up interrupt input
0
1
open drain output
1
0
push-pull output
1
1
Table 33.
I/O port register configurations (interrupt ports without pull-up)
Mode
DDR
OR
floating input
0
0
floating interrupt input
0
1
open drain output
1
0
push-pull output
1
1
Table 34.
I/O port register configurations (true open drain ports)
Mode
DDR
floating input
0
open drain (high sink ports)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com