Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S4 Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 78Page - STMicroelectronics ST72344S4 Datasheet HTML 79Page - STMicroelectronics ST72344S4 Datasheet HTML 80Page - STMicroelectronics ST72344S4 Datasheet HTML 81Page - STMicroelectronics ST72344S4 Datasheet HTML 82Page - STMicroelectronics ST72344S4 Datasheet HTML 83Page - STMicroelectronics ST72344S4 Datasheet HTML 84Page - STMicroelectronics ST72344S4 Datasheet HTML 85Page - STMicroelectronics ST72344S4 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
82/247
Doc ID 12321 Rev 6
11
On-chip peripherals
11.1
Window watchdog (WWDG)
11.1.1
Introduction
The window watchdog is used to detect the occurrence of a software fault, usually
generated by external interference or by unforeseen logical conditions, which causes the
application program to abandon its normal sequence. The Watchdog circuit generates an
MCU reset on expiry of a programmed time period, unless the program refreshes the
contents of the downcounter before the T6 bit becomes cleared. An MCU reset is also
generated if the 7-bit downcounter value (in the control register) is refreshed before the
downcounter has reached the window register value. This implies that the counter must be
refreshed in a limited window.
11.1.2
Main features
●
Programmable free-running downcounter
●
Conditional reset
–
Reset (if watchdog activated) when the downcounter value becomes less than 40h
–
Reset (if watchdog activated) if the downcounter is reloaded outside the window
(see Figure 40)
●
Hardware/Software Watchdog activation (selectable by option byte)
●
Optional reset on HALT instruction (configurable by option byte)
11.1.3
Functional description
The counter value stored in the WDGCR register (bits T[6:0]), is decremented every 16384
fOSC2 cycles (approx.), and the length of the timeout period can be programmed by the user
in 64 increments.
If the watchdog is activated (the WDGA bit is set) and when the 7-bit downcounter (T[6:0]
bits) rolls over from 40h to 3Fh (T6 becomes cleared), it initiates a reset cycle pulling low the
reset pin for typically 30
μs. If the software reloads the counter while the counter is greater
than the value stored in the window register, then a reset is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com