Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S4 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 38Page - STMicroelectronics ST72344S4 Datasheet HTML 39Page - STMicroelectronics ST72344S4 Datasheet HTML 40Page - STMicroelectronics ST72344S4 Datasheet HTML 41Page - STMicroelectronics ST72344S4 Datasheet HTML 42Page - STMicroelectronics ST72344S4 Datasheet HTML 43Page - STMicroelectronics ST72344S4 Datasheet HTML 44Page - STMicroelectronics ST72344S4 Datasheet HTML 45Page - STMicroelectronics ST72344S4 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 247 page
background image
Supply, reset and clock management
ST72344xx, ST2345xx
42/247
Doc ID 12321 Rev 6
7.2
Phase locked loop
The PLL can be used to multiply a 1 MHz frequency from the RC oscillator or the external
clock by 4 or 8 to obtain fOSC of 4 or 8 MHz. The PLL is enabled and the multiplication factor
of 4 or 8 is selected by 3 option bits. Refer to Table 7 for the PLL configuration depending on
the required frequency and the application voltage. Refer to Section 15.1 for the option byte
description.
Figure 14.
PLL output frequency timing diagram
When the PLL is started, after reset or wakeup from Halt mode or AWUFH mode, it outputs
the clock after a delay of tSTARTUP.
When the PLL output signal reaches the operating frequency, the LOCKED bit in the
SICSCR register is set. Full PLL accuracy (ACCPLL) is reached after a stabilization time of
tSTAB (see Figure 14).
Refer to Section 7.6.5: Register description for a description of the LOCKED bit in the
SICSR register.
Caution:
The PLL is not recommended for applications where timing accuracy is required.
Caution:
When the RC oscillator and the PLL are enabled, it is recommended to calibrate this clock
through the RCCRH and RCCRL registers.
Table 7.
PLL configurations
Target ratio
VDD
PLL ratio
DIV2
x4(1)
1.
For a target ratio of x4 between 3.3 V - 3.65 V, this is the recommended configuration.
2.7 V - 3.65 V
x4
OFF
x4
3.3 V - 5.5 V
x8
ON
x8
x8
OFF
4/8 x
freq.
LOCKED bit set
tSTAB
tLOCK
input
tSTARTUP
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com