Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S4 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 17Page - STMicroelectronics ST72344S4 Datasheet HTML 18Page - STMicroelectronics ST72344S4 Datasheet HTML 19Page - STMicroelectronics ST72344S4 Datasheet HTML 20Page - STMicroelectronics ST72344S4 Datasheet HTML 21Page - STMicroelectronics ST72344S4 Datasheet HTML 22Page - STMicroelectronics ST72344S4 Datasheet HTML 23Page - STMicroelectronics ST72344S4 Datasheet HTML 24Page - STMicroelectronics ST72344S4 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 247 page
background image
ST72344xx, ST2345xx
Pin description
Doc ID 12321 Rev 6
21/247
10 25 28 PC2 (HS)/ICAP2_B
I/O CT HS X
X
X
X
Port C2
Timer B input capture
2
11 26 29 PC3 (HS)/ICAP1_B
I/O CT HS X
X
X
X
Port C3
Timer B input capture
1
12 27 30 PC4/MISO/ICCDATA
I/O CT
XX
X
X
Port C4
SPI Master
In / Slave
Out data
ICC data
input
13 28 31 PC5/MOSI/AIN14
I/O CT
XX
X
X
X
Port C5
SPI Master
Out / Slave
In data
ADC
analog
input 14
14 29 32 PC6/SCK/ICCCLK
I/O CT
XX
X
X
Port C6
SPI serial
clock
ICC
clock
output
15 30 33 PC7/SS/AIN15
I/O CT
XX
X
X
X
Port C7
SPI slave
select
(active
low)
ADC
analog
input 15
16 31 34 PA3 (HS)
I/O CT HS X
ei0
X
X
Port A3
-32 35 VDD_1
(2)
S
Digital main supply voltage
-33 36 VSS_1
(2)
S
Digital ground voltage
-
-
37 PD7 (3)/ SCL3SNS
I/O CT HS X
T
(4)
Port D7
I2C3SNS serial clock
-
-
38 PD6 (3)/ SDA3SNS
I/O CT HS X
T
Port D6
I2C3SNS serial data
17 34 39 PA4 (HS)
I/O CT HS X
X
X
X
Port A4
-
35 40 PA5 (HS) (3)
I/O CT HS X
X
X
X
Port A5
18 36 41 PA6 (HS)/SDA
I/O CT HS X
T
Port A6
I2C serial data
19 37 42 PA7 (HS)/SCL
I/O CT HS X
T
Port A7
I2C serial clock
20 38 43 ICCSEL (5)
I
ICC mode selection
21 39 44 RESET
I/O CT
Top priority non maskable
interrupt.
22 40 45 VSS_2
(2)
S
Digital ground voltage
23 41 46 OSC2
O
Resonator oscillator inverter
output
24 42 47 OSC1
I
External clock input or resonator
oscillator inverter input
25 43 48 VDD_2
(2)
S
Digital main supply voltage
26 44
1
PE0/TDO
I/O CT
X
X
X
X
Port E0
SCI transmit data out
Table 3.
Device pin description (continued)
Pin n°
Pin name
Level
Port
Main
function
(after
reset)
Alternate function
Input (1)
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com