Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S4 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 46Page - STMicroelectronics ST72344S4 Datasheet HTML 47Page - STMicroelectronics ST72344S4 Datasheet HTML 48Page - STMicroelectronics ST72344S4 Datasheet HTML 49Page - STMicroelectronics ST72344S4 Datasheet HTML 50Page - STMicroelectronics ST72344S4 Datasheet HTML 51Page - STMicroelectronics ST72344S4 Datasheet HTML 52Page - STMicroelectronics ST72344S4 Datasheet HTML 53Page - STMicroelectronics ST72344S4 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 247 page
background image
Supply, reset and clock management
ST72344xx, ST2345xx
50/247
Doc ID 12321 Rev 6
In the case of a drop in voltage below VIT-(AVD), the AVDF flag is set and an interrupt request
is issued.
If VDD rises above the VIT+(AVD) threshold voltage the AVDF bit is cleared automatically by
hardware. No interrupt is generated, and therefore software should poll the AVDF bit to
detect when the voltage has risen, and resume normal processing.
Figure 19.
Using the AVD to monitor VDD
7.6.3
Low-power modes
7.6.4
Interrupts
The AVD interrupt event generates an interrupt if the corresponding AVDIE bit is set and the
interrupt mask in the CC register is reset (RIM instruction).
VDD
VIT-(AVD)
AVDF bit
0
RESET VALUE
IF AVDIE bit = 1
AVD INTERRUPT
REQUEST
INTERRUPT PROCESS
VIT-(LVD)
LVD RESET
Early warning interrupt
(Power has dropped, MCU not
not yet in reset)
1
0
1
VIT+(AVD)
Vhys
Table 10.
Low-power mode description
Mode
Description
Wait
No effect on SI. AVD interrupts cause the device to exit from Wait mode.
Halt
The SICSR register is frozen.
Table 11.
Interrupt event
Interrupt event
Event flag
Enable
control bit
Exit from
Wait
Exit from
Halt
AVD event
AVDF
AVDIE
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com