Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S4 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 41Page - STMicroelectronics ST72344S4 Datasheet HTML 42Page - STMicroelectronics ST72344S4 Datasheet HTML 43Page - STMicroelectronics ST72344S4 Datasheet HTML 44Page - STMicroelectronics ST72344S4 Datasheet HTML 45Page - STMicroelectronics ST72344S4 Datasheet HTML 46Page - STMicroelectronics ST72344S4 Datasheet HTML 47Page - STMicroelectronics ST72344S4 Datasheet HTML 48Page - STMicroelectronics ST72344S4 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 247 page
background image
ST72344xx, ST2345xx
Supply, reset and clock management
Doc ID 12321 Rev 6
45/247
7.3.3
Internal RC oscillator
The device contains a high-precision internal RC oscillator. It must be calibrated to obtain
the frequency required in the application. This is done by software writing a calibration value
in the RCCRH and RCCRL Registers.
Whenever the microcontroller is reset, the RCCR returns to its default value (FF 03h), i.e.
each time the device is reset, the calibration value must be loaded in the RCCRH and
RCCRL registers. Predefined calibration values are stored in XFlash for 3 and 5V VDD
supply voltages at 25 °C, as shown in the following table:
Note:
To improve clock stability, it is recommended to place a decoupling capacitor between the
VDD and VSS pins.
These two 10-bit values are systematically programmed by ST.
RCCR0 and RCCR1 calibration values will be erased if the read-out protection bit is reset
after it has been set. See Section 4.5: Memory protection.
Caution:
If the voltage or temperature conditions change in the application, the frequency may need
to be recalibrated.
Refer to application note AN1324 for information on how to calibrate the RC frequency using
an external reference signal.
7.4
Register description
7.4.1
RC control register (RCCRH)
Reset value: 1111 1111 (FFh)
Bits 7:0 = CR[9:2] RC oscillator frequency adjustment bits
Table 9.
Calibration values
RCCR
Conditions
Address
RCCR0
VDD = 5 V
TA = 25 °C
fRC = 1 MHz
BEE0, BEE1
RCCR1
VDD = 3 V
TA = 25 °C
fRC = 1 MHz
BEE4, BEE5
7
0
CR9
CR8
CR7
CR6
CR5
CR4
CR3
CR2
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com