Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S4 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 18Page - STMicroelectronics ST72344S4 Datasheet HTML 19Page - STMicroelectronics ST72344S4 Datasheet HTML 20Page - STMicroelectronics ST72344S4 Datasheet HTML 21Page - STMicroelectronics ST72344S4 Datasheet HTML 22Page - STMicroelectronics ST72344S4 Datasheet HTML 23Page - STMicroelectronics ST72344S4 Datasheet HTML 24Page - STMicroelectronics ST72344S4 Datasheet HTML 25Page - STMicroelectronics ST72344S4 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 247 page
background image
Pin description
ST72344xx, ST2345xx
22/247
Doc ID 12321 Rev 6
27
1
2
PE1/RDI
I/O CT
X
ei0
X
X
Port E1
SCI receive data in
28
2
3
PB0
I/O CT
Xei2
X
X
Port B0
-
3
4
PB1 (3)
I/O CT
Xei2
X
X
Port B1
-
4
5
PB2 (3)
I/O CT
Xei2
X
X
Port B2
29
5
6
PB3
I/O CT
Xei2
X
X
Port B3
30
6
7
PB4 (HS)
I/O CT HS X
ei3
X
X
Port B4
31
7
8
PD0/AIN0
I/O CT
X
X
X
X
X
Port D0
ADC analog input 0
32
8
9
PD1/AIN1
I/O CT
X
X
X
X
X
Port D1
ADC analog input 1
-
9
10 PD2/AIN2
I/O CT
X
X
X
X
X
Port D2
ADC analog input 2
-
10 11 PD3/AIN3
I/O CT
X
X
X
X
X
Port D3
ADC analog input 3
-
11 12 PD4/AIN4
I/O CT
X
X
X
X
X
Port D4
ADC analog input 4
-
12 13 PD5/AIN5
I/O CT
X
X
X
X
X
Port D5
ADC analog input 5
1.
In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up column (wpu) is
merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input, else the configuration is floating
interrupt input.
2.
It is mandatory to connect all available VDD and VDDA pins to the supply voltage and all VSS and VSSA pins to ground.
3.
Pulled-up by hardware when not present on the package.
4.
In the open drain output column, “T” defines a true open drain I/O (P-Buffer and protection diode to VDD are not
implemented).
5.
Internal weak pull-down.
Table 3.
Device pin description (continued)
Pin n°
Pin name
Level
Port
Main
function
(after
reset)
Alternate function
Input (1)
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com