Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S4 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 12Page - STMicroelectronics ST72344S4 Datasheet HTML 13Page - STMicroelectronics ST72344S4 Datasheet HTML 14Page - STMicroelectronics ST72344S4 Datasheet HTML 15Page - STMicroelectronics ST72344S4 Datasheet HTML 16Page - STMicroelectronics ST72344S4 Datasheet HTML 17Page - STMicroelectronics ST72344S4 Datasheet HTML 18Page - STMicroelectronics ST72344S4 Datasheet HTML 19Page - STMicroelectronics ST72344S4 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 247 page
background image
Description
ST72344xx, ST2345xx
16/247
Doc ID 12321 Rev 6
Table 2.
ST72344xx and ST72345xx features
Features
ST72344K2, ST72344K4, ST72344S2,
ST72344S4
ST72345C4
Program memory - bytes
8,000
16,000
16,000
RAM (stack) - bytes
512 bytes (256 bytes)
1 Kbyte (256 bytes)
1 Kbyte (256 bytes)
EEPROM data - bytes
256
256
256
Common peripherals
Window watchdog, 2 16-bit timers, SCI, SPI, I2CMMS
Other peripherals
10-bit ADC
I2C3SNS, 10-bit ADC
CPU frequency
8 MHz @ 3.3 V to 5.5 V, 4 MHz @ 2.7 V to 5.5 V
Temperature range
-40 °C to +85 °C
Package
LQFP32 7x7, LQFP44 10x10
LQFP48 7x7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com