Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S4 Datasheet(PDF) 166 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 162Page - STMicroelectronics ST72344S4 Datasheet HTML 163Page - STMicroelectronics ST72344S4 Datasheet HTML 164Page - STMicroelectronics ST72344S4 Datasheet HTML 165Page - STMicroelectronics ST72344S4 Datasheet HTML 166Page - STMicroelectronics ST72344S4 Datasheet HTML 167Page - STMicroelectronics ST72344S4 Datasheet HTML 168Page - STMicroelectronics ST72344S4 Datasheet HTML 169Page - STMicroelectronics ST72344S4 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
166/247
Doc ID 12321 Rev 6
I2C own address register (OAR2)
Reset value: 0100 0000 (40h)
Bit 7:6 = FR[1:0] Frequency bits.
These bits are set by software only when the interface is disabled (PE=0). To configure
the interface to I2C specified delays select the value corresponding to the
microcontroller frequency fCPU.
Bits 5:3 = Reserved
Bits 2:1 = ADD[9:8] Interface address.
These are the most significant bits of the I2C bus address of the interface (10-bit mode
only). They are not cleared when the interface is disabled (PE=0).
Bit 0 = Reserved.
7
0
FR1
FR0
0
0
0
ADD9
ADD8
0
Read / Write
Table 66.
FR[1:0] configuration
fCPU
FR1
FR0
< 6 MHz
0
0
6 to 8 MHz
0
1
Table 67.
I2C register map and reset values
Address
(Hex.)
Register
label
7
6
5
4
321
0
0058h
I2CCR
Reset value
0
0
PE
0
ENGC
0
START
0
ACK
0
STOP
0
ITE
0
0059h
I2CSR1
Reset value
EVF
0
ADD10
0
TRA
0
BUSY
0
BTF
0
ADSL
0
M/SL
0
SB
0
005Ah
I2CSR2
Reset value
0
0
0
AF
0
STOPF
0
ARLO
0
BERR
0
GCAL
0
005Bh
I2CCCR
Reset value
FM/SM
0
CC6
0
CC5
0
CC4
0
CC3
0
CC2
0
CC1
0
CC0
0
005Ch
I2COAR1
Reset value
ADD7
0
ADD6
0
ADD5
0
ADD4
0
ADD3
0
ADD2
0
ADD1
0
ADD0
0
005Dh
I2COAR2
Reset value
FR1
0
FR0
10
0
0
ADD9
0
ADD8
00
005Eh
I2CDR
Reset value
MSB
0
0
0
0
000
LSB
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com