Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S4 Datasheet(PDF) 245 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 245 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 239Page - STMicroelectronics ST72344S4 Datasheet HTML 240Page - STMicroelectronics ST72344S4 Datasheet HTML 241Page - STMicroelectronics ST72344S4 Datasheet HTML 242Page - STMicroelectronics ST72344S4 Datasheet HTML 243Page - STMicroelectronics ST72344S4 Datasheet HTML 244Page - STMicroelectronics ST72344S4 Datasheet HTML 245Page - STMicroelectronics ST72344S4 Datasheet HTML 246Page - STMicroelectronics ST72344S4 Datasheet HTML 247Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 245 / 247 page
background image
ST72344xx, ST2345xx
Revision history
Doc ID 12321 Rev 6
245/247
17
Revision history
Table 126.
Document revision history
Date
Revision
Changes
29-April-2006
1
First release on internet
23-Oct-2006
2
Removed references to BGA56 and QFN40 packages
TQFP package naming changed to LQFP (Low-profile Quad Flat)
Changed number of I/O ports on first page
PDVD (Power Down Voltage Detector) replaced by AVD (Auxiliary
Voltage Detector)
Modified note 3 to Table 4 on page 24
Added PF4 to Figure 3 on page 18 and Figure 4 on page 19
Modified Memory access on page 31
Modified Figure 8, Figure 9 on page 33 and Figure 10 on page 34
Changed RCCR table in Section 7.3 on page 43 (fRC=1 MHz)
References to PDVDF, PDVDIE corrected to AVDF, AVDIE:
Section 7.6.2 on page 49
Current characteristics Table 85 on page 201 updated
General operating conditions table updated, Table 87 on page 202
Data updated in Table 88 on page 202, note replaced
Table modified in Table 89 on page 203
Notes adjusted for table in Table 90 on page 203
Modified Section 13.4 on page 204 (for VDD=5V)
Table in Table 93 on page 205 modified
Updated Table 94 on page 208
Added Table 96 on page 209 and Figure 96 on page 209
Table in Table 101 on page 212 modified
Absolute maximum ratings and electrical sensitivity table updated,
Section 13.8.3 on page 214
Added note 1 to VIL and VIH in Table 107 on page 215
Table in Table 108 on page 216 modified (for VDD= 3.3V and VDD=2.7V)
Modified graphs in Table 108 on page 216
tg(RSTL)in updated in Table 13.10 on page 222
Updated Table 111 on page 224
Updated Table 118 on page 231
Modified default values for option byte 2 and 3 on Option byte 2 on
page 234
Added option list on Option byte 2 on page 234
Added Section 15.3: Development tools on page 236
Added known limitations: Section 16.6: In-application programming on
page 242, Section 16.7: Programming of EEPROM data on page 243,
and Section 16.8: Flash write/erase protection on page 243
Modified Section 16.7 on page 243
Changed status of the document (datasheet instead of preliminary data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com