Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100XC Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32F100XC
Description  Clock, reset and supply management
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100XC Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F100XC Datasheet HTML 98Page - STMicroelectronics STM32F100XC Datasheet HTML 99Page - STMicroelectronics STM32F100XC Datasheet HTML 100Page - STMicroelectronics STM32F100XC Datasheet HTML 101Page - STMicroelectronics STM32F100XC Datasheet HTML 102Page - STMicroelectronics STM32F100XC Datasheet HTML 103Page - STMicroelectronics STM32F100XC Datasheet HTML 104Page - STMicroelectronics STM32F100XC Datasheet HTML 105Page - STMicroelectronics STM32F100XC Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 106 page
background image
Package characteristics
STM32F100xC, STM32F100xD, STM32F100xE
102/106
DocID15081 Rev 10
Using the values obtained in Table 60 TJmax is calculated as follows:
–
For LQFP100, 40 °C/W
TJmax = 115 °C + (40 °C/W × 134 mW) = 115 °C + 5.4 °C = 120.4 °C
This is within the range of the suffix 7 version parts (–40 < TJ < 125 °C).
In this case, parts must be ordered at least with the temperature range suffix 7 (see
Table 61: Ordering information scheme).
Figure 47. LQFP100 PD max vs. TA
0
100
200
300
400
500
600
700
65
75
85
95
105
115
125
135
TA (°C)
Suffix 6
Suffix 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com