Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100XC Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32F100XC
Description  Clock, reset and supply management
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100XC Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32F100XC Datasheet HTML 98Page - STMicroelectronics STM32F100XC Datasheet HTML 99Page - STMicroelectronics STM32F100XC Datasheet HTML 100Page - STMicroelectronics STM32F100XC Datasheet HTML 101Page - STMicroelectronics STM32F100XC Datasheet HTML 102Page - STMicroelectronics STM32F100XC Datasheet HTML 103Page - STMicroelectronics STM32F100XC Datasheet HTML 104Page - STMicroelectronics STM32F100XC Datasheet HTML 105Page - STMicroelectronics STM32F100XC Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 105 / 106 page
background image
DocID15081 Rev 10
105/106
STM32F100xC, STM32F100xD, STM32F100xE
Revision history
105
08-Jun-2012
6
Updated Table 7: Current characteristics on page 38
Corrected “CLKL-NOEL” in Section 5.3.10: FSMC characteristics on
page 56
Updated Table 48: I2C characteristics on page 79
Corrected note “non-robust “ in Section 5.3.18: 12-bit ADC
characteristics on page 83
Updated Figure 1: STM32F100xx value line block diagram on
page 11
Updated Section 5.3.14: I/O port characteristics on page 71
Updated Section 2.2.22: GPIOs (general-purpose inputs/outputs) on
page 20
Updated Table 4: High-density STM32F100xx pin definitions on
page 24
Updated Section 5.3.1: General operating conditions on page 38
Updated PD0 and PD1 in Table 4: High-density STM32F100xx pin
definitions on page 24
17-Sep-2012
7
Updated PD max specifications in Table 9: General operating
conditions
Added footnote to IDDA parameter description in Table 55: DAC
characteristics
10-Mar-2015
8
Updated Table 57: LQFP144 - 144-pin, 20 x 20 mm low-profile quad
flat package mechanical data, Table 58: LQPF100 - 100-pin, 14 x
14 mm low-profile quad flat package mechanical data, Table 59:
LQFP64 - 64-pin, 10 x 10 mm low-profile quad flat package
mechanical data
Updated Figure 38: LQFP144 - 144-pin, 20 x 20 mm low-profile quad
flat package outline on page 91, Figure 39: LQFP144 - 144-pin, 20 x
20 mm low-profile quad flat package recommended footprint on
page 93, Figure 41: LQFP100 – 14 x 14 mm 100 pin low-profile quad
flat package outline on page 94, Figure 42: LQFP100 - 100-pin, 14 x
14 mm low-profile quad flat recommended footprint on page 95,
Figure 44: LQFP64 – 10 x 10 mm 64 pin low-profile quad flat
package outline on page 97, Figure 45: LQFP64 - 64-pin, 10 x
10 mm low-profile quad flat recommended footprint on page 98
Added Figure 40: LQFP144 marking example (package top view) on
page 93, Figure 43: LQFP100 marking example (package top view)
on page 96, Figure 46: LQFP64 marking example (package top
view) on page 99
23-Sep-2015
9
Updated Table 19: Peripheral current consumption
Updated Section 6: Package characteristics
29-Mar-2016
10
Updated Table 14: Maximum current consumption in Run mode,
code with data processing running from RAM
Table 62. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com