Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100XC Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32F100XC
Description  Clock, reset and supply management
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100XC Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32F100XC Datasheet HTML 98Page - STMicroelectronics STM32F100XC Datasheet HTML 99Page - STMicroelectronics STM32F100XC Datasheet HTML 100Page - STMicroelectronics STM32F100XC Datasheet HTML 101Page - STMicroelectronics STM32F100XC Datasheet HTML 102Page - STMicroelectronics STM32F100XC Datasheet HTML 103Page - STMicroelectronics STM32F100XC Datasheet HTML 104Page - STMicroelectronics STM32F100XC Datasheet HTML 105Page - STMicroelectronics STM32F100XC Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 103 / 106 page
background image
DocID15081 Rev 10
103/106
STM32F100xC, STM32F100xD, STM32F100xE
Ordering information scheme
105
7
Ordering information scheme
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 61. Ordering information scheme
Example:
STM32 F 100 V C T
6
B
xxx
Device family
STM32 = ARM-based 32-bit microcontroller
Product type
F = General-purpose
Device subfamily
100 = value line
Pin count
R = 64 pins
V = 100 pins
Z = 144 pins
Flash memory size
C = 256 Kbytes of Flash memory
D = 384 Kbytes of Flash memory
E = 512 Kbytes of Flash memory
Package
T = LQFP
Temperature range
6 = Industrial temperature range, –40 to 85 °C
7 = Industrial temperature range, –40 to 105 °C
Internal code
B
Options
xxx = programmed parts
TR = tape and real



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com