Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL650USB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GL650USB
Description  USB 4 PORT HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL650USB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GL650USB Datasheet HTML 1Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 2Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
08/18/00
GL650USB 4 PORT USB HUB CONTROLLER
Revision 1.2
30
NC
-
-
31
NC
-
-
32
TEST
I
Test mode input
33
NC
-
-
34
XTAL2
O
Ceramic resonator or crystal out
35
XTAL1
I
Ceramic resonator or crystal in
36
DGND
-
Digital ground
37
PWRENB3#
O
Power enable for downstream port 3
38
OVCUR3#
I
Over current flag for downstream port3
39
NC
-
-
40
NC
-
-
41
DVCC
-
Digital VCC(5V)
42
NC
-
-
43
NC
-
-
44
PWRENB2#
O
Power enable for downstream port 2
45
NC
-
-
46
OVCUR2#
I
Over current flag for downstream port2
47
PWRENB1#
O
Power enable for downstream port 1
48
OVCUR1#
I
Over current flag for downstream port1
Note 1: “#” means low active
Note 2: If using crystal, TEST pull low. If using oscillator, TEST pull high.
Table 1 GL650USB Pin Definitions and Descriptions
RESET
LED4
OVRCUR4#
NC
PWRENB4#
NC
NC
TEST
NC
XTAL2
XTAL1
DGND
AVCC
DM4
DP4
NC
NC
DM1
DP1
NC
NC
AGND
DM0
DP0
GL650USB-A
GL650USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com