Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL650USB Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GL650USB
Description  USB 4 PORT HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL650USB Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GL650USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
08/18/00
GL650USB 4 PORT USB HUB CONTROLLER
Revision 1.2
After filling the data-to-transmit into FF0, the micro-controller should setup this register to
enable endpoint 0 data transmit. If EP0OE = 0, endpoint 0 will respond to a valid IN transaction
with a NAK. EP0OE will be automatically cleared after a successful transmission, or when
endpoint 0 has incidentally accepted another SETUP or OUT transaction.
TXCTL1
( offset 04, default = 00h )
R/W
R/W
R/W
R/O
R/O
R/O
R/W
--
EP1STL
EP1OE
EP1SEQ
EP1CNT3
EP1CNT2
EP1CNT1
EP1CNT0
Endpoint 1 transmit setting –
EP1CNT3~0
: number of data bytes to transmit. EP1CNT3~1 are always ‘0’.
EP1OE
: enable data transmit
1 – ready to transmit data packet
0 – not ready to transmit data packet (default)
EP1SEQ
: data packet type
0 –DATA0
1 –DATA1
EP1STL
: set endpoint 1 stall
1 – EP1 will respond to USB host controller with STALL packet
0 – default
After preparing the data to transmit, the micro-controller should setup this register to enable
endpoint 1 data transmit. If EP1OE = 0, endpoint 1 will respond to a valid IN transaction with a
NAK. After a successful transmission, the device will automatically clear EP1OE.
FFDAT
( offset 05, default = 00h )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
FFD7
FFD6
FFD5
FFD4
FFD3
FFD2
FFD1
FFD0
If FFSEL1 (in BUFCTL) = 1’b0, this is FF0 access-window; if FFSEL1 = 1’b1, this is FF1
access-window. Each FFDAT read/write will automatically increase the FIFO pointer, which is
a 3-bit circular counter, by 1. Writing FPRST with ‘1’ (in BUFCTL) will reset the pointer. Note
that to fill FF0, RXDIS (in RXCTL0) must be first cleared.
BUFCTL
( offset 06 )
W/O
R/W
--
--
--
--
--
FPRST
--
FFSEL1
Data buffer control –
FFSEL1
: FIFO 0/1 selector
1’b0 – select endpoint 0 data buffer
1’b1 – select endpoint 1 data buffer
FPRST
: reset FIFO 0/1 pointer (write only)
PORTSEL
( offset 07, default = 00h )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
--
-
-
-
PORTSEL
4
PORTSEL
3
PORTSEL
2
PORTSEL
1
PORTSEL
: PORT 1~7 under request
PORTSEL1
1’b1 – port 1 selected
PORTSEL2
1’b1 – port 2 selected
PORTSEL3
1’b1 – port 3 selected
PORTSEL4
1’b1 – port 4 selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com