Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL650USB Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # GL650USB
Description  USB 4 PORT HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL650USB Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button GL650USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
A
A
B
B
C
C
D
D
E
E
4
4
3
3
2
2
1
1
2. Omit the ganged mode pull-up resistor on 'SUSPND' pin.
'00/05/18
1. First Product Release
'00/04/05
Description
4. Connect pin 1 of U2 to B_VCC, then regulator will be enabled
only when upstream port is plugged!
A 1M pull-low resistor is also added to disable this pin when
the upstream port is not plugged.
1. Seperate 4-port and 7-port hubs into different schematic files.
1.1
1.0
Date
Rev.
5. 'SELF' is directly connected to drain of Q4 to omit the external
debounce RC circuit for this pin.
3. Add a 10K pull-up resistor to 'RESET' pin.
7. Some resistor values are increased to save the operating current.
6. Q1 is replaced by a more popular and cheaper one -- FDN340P.
1.2
1. Change the pull-up voltage source for each LED from B_VCC to power
switch output.
2. Remove the 47U output capacitor of MIC29302 to suppress inrush current.
3. Add R1, R2 and C6 for EMI suppressing.
4. Change C10, C15, C18 and C23 from 100U to 120U for better behavior in
droop test.
6. Remove a redudant transistor in SELF-BUS power switching circuit.
5. Add a 2-transistor circuit for regulator ENABLE pin. That will save
several tens of mA operating current than direct connecting B_VCC
to ENABLE pin.
'00/08/17
USBHUB.DSN
1.2
CIRCUIT FOR GENESYS 4-PORT USB HUB
B
3
3
Thursday, August 17, 2000
Title
Size
Document Number
Rev
Date:
Sheet
of
9. Application Circuit (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com