Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL650USB Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # GL650USB
Description  USB 4 PORT HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL650USB Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button GL650USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
A
A
B
B
C
C
D
D
E
E
4
4
3
3
2
2
1
1
A 6V adapter is
recommended.
USBHUB.DSN
1.2
CIRCUIT FOR GENESYS 4-PORT USB HUB
Custom
2
3
Thursday, August 17, 2000
Title
Size
Document Number
Rev
Date:
Sheet
of
FLG1#
FLG2#
FLG2#
FLG1#
VCC
FLG3#
FLG4#
FLG4#
FLG3#
VCC
B_VCC
B_VCC
B_VCC
REN
S_VCC
S_VCC
REN
B_VCC
B_VCC
B_VCC
SELF
PWRENB1#
PWRENB2#
VOUT1
VOUT2
OVRCUR2#
PWRENB3#
PWRENB4#
VOUT3
VOUT4
OVRCUR3#
OVRCUR4#
OVRCUR1#
DM0
DP0
VCP
B_VCC
VOUT3
DP1
DM1
VOUT2
DM3
VOUT1
DP3
DP2
DM2
DM4
VOUT4
DP4
VCC
VCC
VCC
Q1
TP0610T
G
C13
47U
+ C10
120U
C8
47P
C12
0.1U
R20
15K
C19
0.1U
C9
47P
Q5
2N7002
G
U4
MIC2526-8
1
2
3
4
5
6
7
8
ENA#
FLGA#
FLGB#
ENB#
OUTB#
GND
IN
OUTA#
R39 10K
R17 22
R35
10K
R40 10K
R22
267K,%1
R18 22
R36
10K
U3
MIC2526-8
1
2
3
4
5
6
7
8
ENA#
FLGA#
FLGB#
ENB#
OUTB#
GND
IN
OUTA#
R19
825K,%1
L4
FB
C25
0.1U
J3
POWER JACK
J4
USB-A
1
2
3
4
L5
FB
+ C15
120U
R25
15K
R16
1M
R23 22
R12
4.7K
R24 22
Q2
2N7002
G
L6
FB
Q3
FDN340P
G
R14
470
J5
USB-A
1
2
3
4
J6
USB-A
1
2
3
4
L7
FB
L9
FB
+ C18
120U
R29 10K
R41
15K
R27
10K
R33
15K
R38 22
R30 10K
R31 22
R28
10K
R42
15K
R32 22
L10
FB
L8
FB
R15
4.7K
J1
USB-B
1
2
3
4
+ C23
120U
R26
15K
R11 22
C24
0.1U
R13
1M
R21
15K
R10 22
R37 22
R34
15K
C26
0.1U
R9
1.5K
C11
0.1U
C14
0.1U
L1
FB
C22
0.1U
C16
0.1U
U2
MIC 29302
J2
USB-A
1
2
3
4
L2
FB
C17
0.1U
C20
0.1U
C21
0.1U
Q4
2N7002
G
L3
FB
C7
10U
9. Application Circuit (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com