Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL650USB Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GL650USB
Description  USB 4 PORT HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL650USB Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GL650USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
08/18/00
GL650USB 4 PORT USB HUB CONTROLLER
Revision 1.2
HUB_STAT_CHG
( offset 08, default = 00h )
R/O
R/O
R/O
R/O
LCPWR
OVCUR
--
--
--
--
C_LCPWR C_OVCUR
HUB status and status change
LCPWR
: HUB local power status
1’b0 – local power good
1’b1 – local power lost
OVRCUR
: HUB over current indicator
1’b0 – No over-current condition currently exists
1’b1 – A hub over-current condition exists
C_LCPWR
: Local power status change
1’b0 – No change has occurred to local power status
1’b1 – local power status has changed
C_OVRCUR
: HUB over current indicator change
1’b0 – No change has occurred to the over-current indicator
1’b1 – Hub over-current indicator has changed
PORT_STATUS ( offset 09, default = 00h )
R/O
R/O
R/O
R/O
R/O
R/O
R/O
PT_LOW_
SPD
PT_PWR
--
PT_RST
PT_OVCU
R
PT_SUS
PT_EN
PT_CON
Port status in dicator:
PT_LOW_SPD
: 1’b0 – full speed device connected, 1’b1 – low speed device
connected
PT_PWR
: 1’b0 – port is in power off state, 1’b1 – port is not in power off state
PT_RST
: 1’b0 – Reset signaling not asserted, 1b’1 – Reset signaling assert ed
PT_OVCUR
: 1’b0 – No over-current condition occurred on this port
1’b1 – An over-current condition exists on this port
PT_SUS
: 1’b0 – port not suspended, 1’b1 – port suspended or resuming
PT_EN
: 1’b0 – port is disabled, 1’b1 – port is enabled
PT_CON
: 1’b0 – No device is present, 1’b1 – A device is present on this port
BUS_PORT_DATA
( offset 0A, default = 00h )
R/O
R/O
R/O
R/O
R/O
R/O
R/O
VP
VM
--
C_PT_RST
C_PT_
OVCUR
C_PT_
SUS
C_PT_EN
C_PT_
CON
Bus state and Port status change in dicator:
VP
: VP state on the downstream port
VM
: VM state on the downstream port
C_PT_RST
: 1’b0 – No change, 1’b1 – Reset complete
C_PT_OVCUR
: 1’b0 – No change has occurred to over-current indicator
1’b1 – over-current indicator has changed
C_PT_SUS
: 1’b0 – No change, 1’b1: – Resume complete
C_PT_EN
: Set to one when a port is disabled because of a Port_error condition
C_PT_CON
: 1’b0 – No change has occurred to current connect status
1’b1 – Current connect status has changed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com