Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL650USB Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GL650USB
Description  USB 4 PORT HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL650USB Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GL650USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
08/18/00
GL650USB 4 PORT USB HUB CONTROLLER
Revision 1.2
GPIOD
(offset 0F, default = 0Fh)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
GPIO3D/
LED4#
GPIO2D/
LED3#
GPIO1D/
LED2#
GPIO0D/
LED1#
General purpose I/O pin status –
If GPIOXOE = 1 (X: 0 ~ 3), GPIOX is driven with the level of internal GPIOXD latch, which
is the same as corresponding GPIOXD bit. If GPIOXOE = 0, GPIOXD reflects the level of
GPIOX pin, which may be different from internal GPIOXD latch. The value written to GPIOD
will be stored in an internal latch, no matter what direction the GPIOX pins are in. Bits 3 to 0
have been pre -assigned specific functions for LED indicators. (active low).
REV
( offset 10, default = current revision )
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
REV7
REV6
REV5
REV4
REV3
REV2
REV1
REV0
This register returns current silicon revision number of the HUB.
Current revision is 8’h11. (Revision 1.1)
DEVSTUS
( offset 11, default = 00h )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
HCONFIG DEVADR6 DEVADR5 DEVADR4 DEVADR3 DEVADR2 DEVADR1 DEVADR0
USB device status registers. Procedure to set the device address:
1. After USB reset, the device responds to default address 0, and hub configuration = 0.
2. USB host controller issues SET_ADDRESS request to the device. (INTRB asserted)
3. Micro-controller recognizes the request, then set DEVADR register with appropriate value.
4. Micro-controller prepares the status stage of SET_ADDRESS request by programming
TXCTL0 register.
5. When the hub configuration value is not equal zero, HCONFIG is set to one.
USB reset will clear this register.
6
MAXIMUM RATINGS
Maximum ratings are the extreme limits to which the GL650USB/GL650USB-A can be exposed without
permanently damaging it. The GL650USB/GL650USB-A contain circuitry to protect the inputs against
damage from high static voltages; however, do not apply voltages higher than those shown in the table.
Keep VIN and VOUT within the range GND ≤ (VIN or VOUT) ≤ VCC. Connect unused inputs to the appropriate
voltage level, either GND or VDD.
Symbol
Characteristic
Value
Unit
TSTG
Storage temperature
-55 to +150
°C
TOP
Operating temperature
0 to +70
°C
VCC
Supply voltage
-0.5 to +7.0
V
VIN
DC input voltage
-0.5 to +VDD + 0.5
V
I
Maximum current per pin excluding VDD and VSS
25
mA
IMGND
Maximum current out of GND
100
mA
IMVCC
Maximum current out of VCC
100
mA
VESD
Static discharge voltage
>4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com