Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL650USB Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # GL650USB
Description  USB 4 PORT HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL650USB Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button GL650USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
A
A
B
B
C
C
D
D
E
E
4
4
3
3
2
2
1
1
USBHUB.DSN
1.2
CIRCUIT FOR GENESYS 4-PORT USB HUB
B
1
3
Thursday, August 17, 2000
Title
Size
Document Number
Rev
Date:
Sheet
of
LED4
LED1
LED2
LED3
LED4
XTAL1
SUSPEND
VCP
OVRCUR4#
PWRENB4#
DP0
DM0
DP1
DM1
DP4
DM4
VOUT1
VOUT2
VOUT3
VOUT4
B_VCC
B_VCC
B_VCC
B_VCC
R3
1K
C1
0.1U
D1
LED
R1
1M
R4
1K
D2
LED
Y1 12 MHz
R5
1K
D3
LED
+
C5
4.7U
R6
1K
D4
LED
C3
30P
C2
30P
R2
24
R8
1M
C4
0.1U
R7 10K
U1
GL650USB
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
DP0
DM0
AGND
NC
NC
DP1
DM1
NC
NC
DP4
DM4
AVCC
DGND
XTAL1
XTAL2
NC
TEST
NC
NC
PWRENB4#
NC
OVRCUR4#
LED4
RESET
C6
0.1U
9. Application Circuit (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com