Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL650USB Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # GL650USB
Description  USB 4 PORT HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL650USB Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button GL650USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL650USB Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
08/18/00
GL650USB 4 PORT USB HUB CONTROLLER
Revision 1.2
7
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Tese Conditions
Min.
Typ.
Max.
Unit
Supply
VDD
Digital Power Supply
4.5
5.0
5.5
V
VDDA
Analog Power Supply
4.5
5.0
5.5
V
IDD
Digital Supply Current
mA
IDDA
Analog Supply Current
mA
USB Bus: DP and DM
VCP
Regulated Voltage Output
3.0
3.3
3.6
V
VDI
Static Input Voltage
0
-
VCP
V
VDO
Static Output Voltage
0
-
VCP
V
Digital I/O Pins
VIL
Input Logic Low Voltage
-
-
0.8
V
VIH
Input Logic High Voltage
2.0
-
-
V
VOL
Output Logic Low Voltage
IO=-4.0mA
-
-
0.1xVDD
V
VOH
Output Logic High Voltage
IO=+4.0mA
0.9xVDD
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com