Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL651USB Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GL651USB
Description  2-PORT USB KEYBOARD HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL651USB Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GL651USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
03/06/00
GL651USB USB KEYBOARD HUB CONTROLLER
Version 1.0
TRANSCIVER: TRANSCIVER is the analog circuits, which takes care of the electrical
characteristics of USB.
SIE:
SIE is the serial interface engine. The main responsibility of SIE is to
code/decode USB protocol. SIE guarantee the GL651USB always
function in a correct state.
KMIF:
KMIF is the interface of key matrix and GL651USB. KMIF drives the
key matrix and sense the input. The sensed data is then output to the
registers, which provide the uC to judge the pressed key.
REGISTERS:
REGISTERS is the interface of hardware and software. The used
registers will be listed in the later section.
REPEATER:
REPEATER is the kernel of hub. It repeats the data accurately from the
upstream port to the downstream port, and vice versa.
PORT CONTROLLER: Each downstream port of hub needs a PORT CONTROLLER
respectively. It monitors the state of the port.
PLL:
PLL extracts 48 Mhz clock from input 12 Mhz clock. This 48 Mhz
clock is used to generate USB clock in the digital PLL circuit.
5
REGISTER SUMMARY
MNEMONIC
OFFSET
DESCRIPTION
DEVCTL
00h
Device control register
EVTFLG_1
01h
USB function interrupt flag
EVTFLG_2
02h
USB function interrupt flag
RXCTL0_HB
03h
Endpoint 0 RX control of hub
RXCTL0_KB
04h
Endpoint 0 RX control of keyboard
TXCTL0_HB
05h
Endpoint 0 TX control of hub
TXCTL0_KB
06h
Endpoint 0 TX control of keyboard
TXCTL123
07h
Endpoint 1,2, and 3 TX control
FFDAT0_HB
08h
Data buffer (FIFO) for endpoint 0 of hub
FFDAT0_KB
09h
Data buffer (FIFO) for endpoint 0 of keyboard
FFDAT123
0Ah
Data buffer (FIFO) for endpoint 1, 2, and 3
BUFCTL
0Bh
Data buffer control register
DRVSEL
0Ch
DRV1 ~ DRV18 select
SENSE
0Dh
SENSE1 ~ SENSE8 input
ENDP_PORT_SEL
0Eh
Endpoint selected and hub port to be configured
HUB_STAT_CHG
0Fh
Hub status and status change indicator
PORT_STATUS
10h
Hub ports status indicator
BUS_PORT_DATA
11h
Hub ports status change indicator
HOST_CMD
12h
Host command to HUB
ENP2_IND
13h
Hub interrupt indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com