Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL651USB Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # GL651USB
Description  2-PORT USB KEYBOARD HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL651USB Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button GL651USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
03/06/00
GL651USB USB KEYBOARD HUB CONTROLLER
Version 1.0
6
MAXIMUM RATINGS
Maximum ratings are the extreme limits to which the GL651USB can be exposed without permanently
damaging it. The GL651USB contains circuitry to protect the inputs against damage from high static
voltages; however, do not apply voltages higher than those shown in the table. Keep VIN and VOUT within
the range GND
≤ (V
IN or VOUT) ≤ VCC. Connect unused inputs to the appropriate voltage level, either GND
or VDD.
Symbol
Characteristic
Value
Unit
TSTG
Storage temperature
-55 to +150
°C
TOP
Operating temperature
0 to +70
°C
VCC
Supply voltage
-0.5 to +7.0
V
VIN
DC input voltage
-0.5 to +VDD + 0.5
V
I
Maximum current per pin excluding VDD and VSS
25
mA
IMGND
Maximum current out of GND
100
mA
IMVCC
Maximum current out of VCC
100
mA
VESD
Static discharge voltage
>4000
V
7
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Tese Conditions
Min.
Typ.
Max.
Unit
Supply
VDD
Digital Power Supply
4.5
5.0
5.5
V
VDDA
Analog Power Supply
4.5
5.0
5.5
V
IDD
Digital Supply Current
mA
IDDA
Analog Supply Current
mA
USB Bus: DP and DM
VCP
Regulated Voltage Output
3.0
3.3
3.6
V
VDI
Static Input Voltage
0
-
VCP
V
VDO
Static Output Voltage
0
-
VCP
V
Digital I/O Pins
VIL
Input Logic Low Voltage
-
-
0.8
V
VIH
Input Logic High Voltage
2.0
-
-
V
VOL
Output Logic Low Voltage
IO=-4.0mA
-
-
0.1xVDD
V
VOH
Output Logic High Voltage
IO=+4.0mA
0.9xVDD
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com