Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL651USB Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # GL651USB
Description  2-PORT USB KEYBOARD HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL651USB Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button GL651USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
A
A
B
B
C
C
D
D
E
E
4
4
3
3
2
2
1
1
1 GPIO3~GPIO7 are for customization usage. Different
strap combinations can make different code options.
2.GPIO6~GPIO7 can be used as hub LED indication also.
3.For individual mode hub, SUSPND should be pulled low.
For ganged mode hub, SUSPND should be pulled up.
KEYBOARD
MATRIX
SENSE1
SENSE2
SENSE3
SENSE4
SENSE5
SENSE6
SENSE7
SENSE8
'00/03/16
1. First Product Release
'00/03/03
Description
1. ADD Q4 to prevent current leakage when adapter is plugged in but USB
cable isn't.
1.1
1.0
Date
Rev.
KBHUB.DSN
1.1
GENESYS USB KEYBOARD HUB
B
1
2
Thursday, March 16, 2000
Title
Size
Document Number
Rev
Date:
Sheet
of
CAPSLOCK
GPIO3
GPIO4
DRV19
DRV18
GPIO6
GPIO7
DRV1
SENSE1
SUSPND
DRV20
NUMLOCK
SCLOCK
DRV17
DRV16
NUMLOCK
CAPSLOCK
SCLOCK
GPIO6
GPIO7
SENSE1
SENSE2
SENSE3
SENSE4
SENSE5
SENSE6
SENSE7
SENSE8
GPIO4
SUSPND
GPIO7
GPIO6
GPIO5
GPIO5
GPIO3
SELF
DM2
DP2
DM0
DP0
DM1
DP1
VCP
B_VCC
B_VCC
B_VCC
Y1
12 MHz
D4
LED
D5
LED
D3
LED
D2
LED
D1
LED
R1
1K
R10 1K
R2
1M, NI
R8
1K
R17 1K
R9
1K
R4
1M, NI
R6
1M, NI
R7
1M, NI
C3
4.7U
R11
1M
C2
30P
U1
GL651USB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
NC
NC
GND
NC
DM2
NC
DP2
NC
DM0
NC
DP0
NC
VCP
NC
DM1
NC
DP1
NC
VDD
NC
NUMLOCK
NC
CAPSLOCK
NC
SCLOCK
NC
TEST
NC
DRV1
NC
NC
SENSE1
SELF
NC
RESET
GPIO3
NC
GPIO4
GPIO5
NC
VDD
NC
GPIO6
NC
GPIO7
NC
SUSPND
NC
DRV20
NC
DRV19
NC
DRV18
NC
DRV17
NC
DRV16
NC
GND
NC
R14
1M
R13
1M
R5
1M, NI
C5
0.1U
C1
30P
C4
0.1U
R15
1M
R16
1M
R3
1M, NI
R12
1M
8. Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com