Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL651USB Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # GL651USB
Description  2-PORT USB KEYBOARD HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL651USB Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GL651USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
03/06/00
GL651USB USB KEYBOARD HUB CONTROLLER
Version 1.0
Endpoint2 (HUB) interrupt change indicator
LEDCTL
( offset 14, default = 00h )
R/W1C
R/W1C
R/W1C
R/W1C
--
--
P2_ON
P1_ON
--
--
P2_TRX
P1_TRX
Hub LED control flag:
P1_TRX
: upstream traffic happens on downstream port 1
P2_TRX
: upstream traffic happens on downstream port 2
P1_ON
: if 1’b1, LED is always on, otherwise, judge according to TRXFLAG
register.
P2_ON
: if 1’b1, LED is always on, otherwise, judge according to TRXFLAG
register.
KBSTUS
( offset 15, default = 0Fh )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
KCONFIG
KBADR6
KBADR5
KBADR4
KBADR3
KBADR2
KBADR1
KBADR0
Keyboard address and keyboard configuration.
REV
( offset 16, default = current revision )
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
REV7
REV6
REV5
REV4
REV3
REV2
REV1
REV0
This register returns current silicon revision number of this device.
Current revision is 8’h11. (Revision 1.1)
HUBSTUS
( offset 17, default = 00h )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
HCONFIG DEVADR6 DEVADR5 DEVADR4 DEVADR3 DEVADR2 DEVADR1 DEVADR0
USB hub status registers. Procedure to set the device address:
1. After USB reset, the device responds to default address 0, and hub configuration = 0.
2. USB host controller issues SET_ADDRESS request to the device. (INTRB asserted)
3. Micro-controller recognizes the request, then set DEVADR register with appropriate value.
4. Micro-controller prepares the status stage of SET_ADDRESS request by programming
TXCTL0 register.
5. When the hub configuration value is not equal zero, HCONFIG is set to one.
USB reset will clear this register.
MODSEL
(offset 18, default = 07h)
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
MOD7
MOD6
MOD5
MOD4
MOD3
MOD2
MOD1
MOD0
MOD[7:0] is strapping value at initial state from GPIO[7:0]. GPIO[2:0] is default pull high for
keyboard LED control. F/W can utilize these bits for customization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com