Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL651USB Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GL651USB
Description  2-PORT USB KEYBOARD HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL651USB Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GL651USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
03/06/00
GL651USB USB KEYBOARD HUB CONTROLLER
Version 1.0
LEDCTL
14h
LED control flag
KBSTUS
15h
Keyboard address and configuration status
REV
16h
Chip revision
HUBSTUS
17h
USB hub address and configuration status
MODSEL
18h
Strapping mode register
R/O:
read only
R/W:
read / write
R/W1C:
read / write “1” to clear
W/O:
write only
DEVCTL
( offset 00, default = 00h )
R/W
R/O
R/W
R/W
R/W
R/O
R/W
USBRDY
--
GANG
RW_KB
RW_HUB
SFRAME
SELF
PWRDN
USBRDY
: 0 - USB interface is not ready. The device drives USB with SE0.
1 - USB interface is ready. The device stops driving USB with SE0.
After power-on reset, USBRDY is cleared and the device looks like
disconnected. Set USBRDY to ‘1’ to enable USB interface.
GANG
: 0 – Individual mode. 1 – gang mode.
RW_KB
: remote wakeup ability enable for keyboard.
RW_HUB
: remote wakeup ability enable for hub.
SFRAME
: short frame option for test purpose
Set SFRAME to ‘1’ will shorten frame length to 1/15 ms. It is to shorten the
time required for test.
SELF
: 0 - HUB is bus powered.
1 - HUB is self-powered.
PWRDN
: power down mode
In suspend state, firmware can set PWRDN to put the controller into power
down mode. In this mode, the embedded micro-controller and most internal
activities are frozen.
EVTFLG
_1
( offset 01, default = 00h )
R/W1C
R/W1C
R/W1C
R/W1C
R/W1C
R/W1C
R/W1C
--
EP3TX
EP2TX
EP1TX
EP0TXKB
EP0TXHB
EP0RXKB
EP0RXHB
Interrupt event flag –
EP0RXHB
: a SETUP or OUT transaction to endpoint 0 of hub is accepted
EP0RXKB
: a SETUP or OUT transaction to endpoint 0 of keyboard is accepted
EP0TXHB
: USB host controller accepts hub data transmitted via endpoint 0.
EP0TXKB
: USB host controller accepts keyboard data transmitted via endpoint 0.
EPnTX
: USB host controller accepts data transmitted via endpoint n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com