Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL651USB Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # GL651USB
Description  2-PORT USB KEYBOARD HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL651USB Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button GL651USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
03/06/00
GL651USB USB KEYBOARD HUB CONTROLLER
Version 1.0
PT_LOW_SPD
:1’b0 – full speed device connected, 1’b1 – low speed device
connected.
PT_PWR
1’b0 – port is in power off state, 1’b1 – port is not in power
off state
PT_RST
:1’b0 – Reset signaling not asserted, 1b’1 – Reset signaling
asserted
PT_OVCUR
: 1’b0 – No over-current condition occurred on this port
1’b1 – An over-current condition exists on this port
PT_SUS
: 1’b0 – port not suspended, 1’b1 – port suspended or
resuming
PT_EN
: 1’b0 – port is disabled, 1’b1 – port is enabled
PT_CON
: 1’b0 – No device is present, 1’b1 – A device is present on
this port
BUS_PORT_DATA
( offset 11, default = 00h )
R/O
R/O
R/O
R/O
R/O
R/O
R/O
VP
VM
--
C_PT_RST
C_PT_
OVCUR
C_PT_
SUS
C_PT_EN
C_PT_
CON
Bus state and Port status change indicator:
VP
: VP state on the downstream port
VM
: VM state on the downstream port
C_PT_RST
: 1’b0 – No change, 1’b1 – Reset complete
C_PT_OVCUR
: 1’b0 – No change has occurred to over-current indicator
: 1’b1 – over-current indicator has changed
C_PT_SUS
: 1’b0 – No change, 1’b1: – Resume complete
C_PT_EN
: Set to one when a port is disabled because of a Port_error
condition
C_PT_CON
: 1’b0 – No change has occurred to current connect status
: 1’b1 – Current connect status has changed
HOST_CMD
( offset 12, default = 0Fh )
W/O
W/O
W/O
W/O
W/O
W/O
W/O
W/O
HB_CMD3 HB_CMD2 HB_CMD1 HB_CMD0 PT_CMD3 PT_CMD2 PT_CMD1 PT_CMD0
Host command to the hub:
PT_CMD3~0
: 4’h0 –SetPortFeature(PORT_SUSPEND)
: 4’h1 –SetPortFeature(PORT_RESET)
: 4’h2 –SetPortFeature(PORT_POWER)
: 4’h3 –ClearPortFeature(PORT_ENABLE)
: 4’h4 –ClearPortFeature(PORT_SUSPEND)
: 4’h5 –ClearPortFeature(PORT_POWER)
: 4’h6 –ClearPortFeature(C_PORT_RESET)
: 4’h7 –ClearPortFeature(C_PORT_OVER_CURRENT)
: 4’h8 –ClearPortFeature(C_PORT_SUSPEND)
: 4’h9 –ClearPortFeature(C_PORT_ENABLE)
: 4’hA –ClearPortFeature(C_PORT_CONNECTION)
HB_CMD3
: 1’b1 –SetHubFeature(C_HUB_LOCAL_POWER)
HB_CMD2
: 1’b1 –SetHubFeature(C_HUB_OVER_CURRENT)
HB_CMD1
: 1’b1 –ClearHubFeature(C_HUB_LOCAL_POWER)
HB_CMD0
: 1’b1 –ClearHubFeature(C_HUB_OVER_CURRENT)
ENP2_IND
( offset 13, default = 00h )
R/O
R/O
R/O
R/O
--
--
--
--
PT3
PT2
PT1
HUB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com