Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL651USB Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GL651USB
Description  2-PORT USB KEYBOARD HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL651USB Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GL651USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
03/06/00
GL651USB USB KEYBOARD HUB CONTROLLER
Version 1.0
with a NAK. EP0OE will be automatically cleared after a successful transmission, or when
endpoint 0 has incidentally accepted another SETUP or OUT transaction.
TXCTL0_KB
( offset 06, default = 00h )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
--
EP0STL
EP0OE
EP0SEQ
EP0CNT3
EP0CNT2
EP0CNT1
EP0CNT0
TXCTL0 of hub. Definition of each bit is the same as TXCTL0_HB.
TXCTL123
( offset 07, default = 00h )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
--
EPnSTL
EPnOE
EPnSEQ
EPnCNT3
EPnCNT2
EpnCNT1
EpnCNT0
Endpoint n(1~3) transmit setting –
EPnCNT3~0
: number of data bytes to transmit.
EPnOE
: enable data transmit
1 – ready to transmit data packet
0 – not ready to transmit data packet (default)
EPnSEQ
: data packet type
0 –DATA0
1 –DATA1
EPnSTL
: set endpoint n stall
1 – EPn will respond to USB host controller with STALL packet
0 – default
After preparing the data to transmit, the micro-controller should setup this register to enable
endpoint n data transmit. If EPnOE = 0, endpoint n will respond to a valid IN transaction with a
NAK. After a successful transmission, the device will automatically clear EPnOE. EPSEL1~3
must be set before settingTXCTL123.
FFDAT0_HB
( offset 08, default = 00h )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
FFD7
FFD6
FFD5
FFD4
FFD3
FFD2
FFD1
FFD0
FFDAT0 of hub.
Each FFDAT0 read/write will automatically increase the FIFO pointer, which is a 3-bit circular
counter, by 1. Writing FPRST0 with ‘1’ (in BUFCTL) will reset the pointer. Note that to fill
FFDAT0, RXDIS (in RXCTL0) must be first cleared.
FFDAT0_KB
( offset 09, default = 00h )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
FFD7
FFD6
FFD5
FFD4
FFD3
FFD2
FFD1
FFD0
FFDAT0 of hub. Definition of each bit is the same as FFDAT0_HB.
FFDAT123
( offset 0A, default = 00h )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
FFD7
FFD6
FFD5
FFD4
FFD3
FFD2
FFD1
FFD0
Each FFDAT123 read/write will automatically increase the FIFO pointer, which is a 3-bit
circular counter, by 1. Writing FPRST1 with ‘1’ (in BUFCTL) will reset the pointer. EPSEL1~3
must be set before setting FFDAT123.
BUFCTL
( offset 0B)
R/W
R/W
--
--
--
--
--
--
FPRST1
FPRST0
Data buffer control –
FPRST[1:0]
: Reset FIFO pointer of FIFO 0~3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com