Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL651USB Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # GL651USB
Description  2-PORT USB KEYBOARD HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL651USB Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button GL651USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
A
A
B
B
C
C
D
D
E
E
4
4
3
3
2
2
1
1
2.For self-bus powered auto-switching keyboard hub, please
remove R28, R38 and implement those components in dotted line.
1 For pure bus-powered keyboard hub, please DO NOT implement
those components in the dotted line, and mount R28 with
0 Ohm and R38 with 10K.
KBHUB.DSN
1.1
GENESYS USB KEYBOARD HUB
B
2
2
Thursday, March 16, 2000
Title
Size
Document Number
Rev
Date:
Sheet
of
VOUT1
VOUT2
FLG1#
FLG2#
FLG1#
FLG2#
VOUT1
VOUT2
S_VCC
B_VCC
S_VCC
VCC
VCC
SELF
PWRENB2#
PWRENB1#
OVRCUR2#
OVRCUR1#
DM0
DP0
DM1
DP1
DM2
DP2
VCP
B_VCC
B_VCC
B_VCC
VCC
VCC
U2
MIC2526-8
1
2
3
4
5
6
7
8
ENA#
FLGA#
FLGB#
ENB#
OUTB#
GND
IN
OUTA#
R21 10K
R22 10K
C6
0.1U
C8
0.22U
C9
0.22U
J2
USB-A
1
2
3
4
L3
FB
+
C12
100U
R30
15K
R26 22
R27 22
J1
USB-B
1
2
3
4
R24 22
R23 22
R20
1.5K
L1
FB
L2
FB
L4
FB
J3
USB-A
1
2
3
4
L5
FB
+
C19
100U
R41
15K
R39 22
R40 22
L6
FB
C7
10U
C10
47P
C11
47P
C14
0.1U
C15
47U
U3
MIC 29302
CON1
POWERJACK
1
2
3
C20
0.1U
C13
0.1U
R42
15K
R31
15K
R35
18K,%1
Q3
2N7002
G
R34
56.2K,%1
C17
47U
R25
1M
R33
1M
D6
1N400X
R29
4.7K
Q1
FDN360P
G
R32
10K
R19
10K
R18
10K
C16
0.1U
R28
NI (0)
R38
NI (10K)
Q4
2N7002
G
Q2
TP0610T
G
R36
1M
R37
510K
C18
0.1U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com