Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84427CMLF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS84427CMLF
Description  Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84427CMLF Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS84427CMLF Datasheet HTML 1Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 2Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 3Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 4Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 5Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 6Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 7Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 8Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CRYSTAL-TO-LVDS
INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
84427 DATA SHEET
2
REVISION B 5/6/15
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
Number
Name
Type
Description
1, 2
Q0, nQ0
Output
Differential output pair. LVDS interface levels.
3, 4
Q1, nQ1
Output
Differential output pair. LVDS interface levels.
5, 6
Q2, nQ2
Output
Differential output pair. LVDS interface levels.
7, 8
Q3, nQ3
Output
Differential output pair. LVDS interface levels.
9, 10
Q4, nQ4
Output
Differential output pair. LVDS interface levels.
11, 12
Q5, nQ5
Output
Differential output pair. LVDS interface levels.
13, 16, 24
V
DD
Power
Core supply pins.
14
GND
Power supply ground.
15
PLL_SEL
Input
Pullup
Selects between the PLL and crystal inputs as the input to the dividers.
When HIGH, selects PLL. When LOW, selects XTAL_IN and XTAL_OUT.
LVCMOS / LVTTL interface levels.
17
V
DDA
Power
Analog supply pin.
18
F_SEL2
Input
Pullup
Feedback frequency select pin. LVCMOS/LVTTL interface levels.
19,
20
XTAL_OUT,
XTAL_IN
Input
Crystal oscillator interface. XTAL_IN is the input,
XTAL_OUT is the output.
21
MR
Input
Pulldown
Active High Master Reset. When logic HIGH, the internal dividers are
reset causing the true outputs Qx to go low and the inverted outputs nQx
to go high. When logic LOW, the internal dividers and the outputs are
enabled. LVCMOS / LVTTL interface levels.
22
F_SEL1
Input
Pulldown Output frequency select pin. LVCMOS/LVTTL interface levels.
23
F_SEL0
Input
Pullup
Output frequency select pin. LVCMOS/LVTTL interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com