Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84427CMLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS84427CMLF
Description  Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84427CMLF Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS84427CMLF Datasheet HTML 1Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 2Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 3Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 4Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 5Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 6Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 7Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 8Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Crystal-to-LVDS Integrated
Frequency Synthesizer/Fanout Buffer
84427
DATASHEET
84427 REVISION B 5/6/15
1
©2015 Integrated Device Technology, Inc.
GENERAL DESCRIPTION
The
84427
is
a
Cr ystal-to-LVDS
F requency
Synthesizer/Fanout Buffer. The output frequency can be
programmed using the frequency select pins. The low phase
noise characteristics of the 84427 make it an ideal clock source
for 10 Gigabit Ethernet, 10 Gigabit Fibre Channel, OC3 and
OC12 applications.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Six LVDS outputs
• Crystal oscillator interface
• Output frequency range: 77.76MHz to 625MHz
• Crystal input frequency: 19.44MHz, 25MHz or 25.5MHz
• RMS phase jitter at 155.52MHz, using a 19.44MHz crystal
(12kHz to 20MHz): 3.4ps (typical)
Phase noise:
Offset
Noise Power
100Hz ..................-95 dBc/Hz
1kHz ................-110 dBc/Hz
10kHz ................-120 dBc/Hz
100kHz ................-121 dBc/Hz
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Available in lead-free RoHS-compliant package
Q0:Q5
84427
24-Lead, 300-MIL SOIC
7.5mm x 15.33mm x 2.3mm body package
M Package
Top View
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
1
2
3
4
5
6
7
8
9
10
11
12
VDD
F_SEL0
F_SEL1
MR
XTAL_IN
XTAL_OUT
F_SEL2
VDDA
VDD
PLL_SEL
GND
VDD
PLL
6/
Feedback
Divider
OSC
6/
Output
Divider
0
1
XTAL_IN
XTAL_OUT
F_SEL2
PLL_SEL
MR
F_SEL0
nQ0:nQ5
24
23
22
21
20
19
18
17
16
15
14
13
F_SEL1
FUNCTION TABLE
Inputs
Output
Frequency
F_XTAL
MR
F_SEL2
F_SEL1
F_SEL0
F_OUT
X1
X
X
X
LOW
19.44MHz
0
1
0
0
77.76MHz
19.44MHz
0
1
0
1
155.52MHz
19.44MHz
0
1
1
0
311.04MHz
19.44MHz
0
1
1
1
622.08MHz
25MHz
0
0
0
0
78.125MHz
25MHz
0
0
0
1
156.25MHz
25MHz
0
0
1
0
312.5 MHz
25MHz
0
0
1
1
625MHz
25.5MHz
0
0
0
1
159.375MHz


Similar Part No. - ICS84427CMLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84427CMLF ICST-ICS84427CMLF Datasheet
132Kb / 13P
CRYSTAL-TO-LVDS INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
REV. D NOVEMBER 30, 2005
ICS84427CMLFT ICST-ICS84427CMLFT Datasheet
132Kb / 13P
CRYSTAL-TO-LVDS INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
REV. D NOVEMBER 30, 2005
More results

Similar Description - ICS84427CMLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84427 ICST-ICS84427 Datasheet
132Kb / 13P
CRYSTAL-TO-LVDS INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
REV. D NOVEMBER 30, 2005
ICS844246 ICST-ICS844246 Datasheet
187Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256 ICST-ICS844256 Datasheet
213Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
logo
Integrated Device Techn...
ICS844246 IDT-ICS844246 Datasheet
981Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844246I IDT-ICS844246I Datasheet
415Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256 IDT-ICS844256 Datasheet
1Mb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
logo
Renesas Technology Corp
84427 RENESAS-84427 Datasheet
400Kb / 17P
Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
5/6/15
ICS844246D RENESAS-ICS844246D Datasheet
1Mb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
OCTOBER 20, 2011
ICS844246DI RENESAS-ICS844246DI Datasheet
471Kb / 21P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
NOVEMBER 28, 2012
ICS844256DI RENESAS-ICS844256DI Datasheet
1Mb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
AUGUST 5, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com