Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84427CMLF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS84427CMLF
Description  Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84427CMLF Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS84427CMLF Datasheet HTML 1Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 2Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 3Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 4Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 5Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 6Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 7Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 8Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CRYSTAL-TO-LVDS
INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
84427 DATA SHEET
4
REVISION B 5/6/15
TABLE 4. CRYSTAL CHARACTERISTICS
TABLE 5. AC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
F
OUT
Output Frequency
77.76
625
MHz
tjit(Ø)
RMS Phase Jitter (Random);
NOTE 1
155.52MHz,
(Integration Range: 12kHz-20MHz)
3.4
ps
156.25MHz,
(Integration Range: 12kHz-20MHz)
3.1
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 2
36
ps
tsk(o)
Output Skew; NOTE 3, 4
85
ps
t
R / tF
Output Rise/Fall Time
20% to 80%
200
600
ps
odc
Output Duty Cycle
47
52
%
t
LOCK
PLL Lock Time
1ms
See Parameter Measurement Information section.
NOTE 1: See Phase Noise Plots.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the output differential crossing points.
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
19.44
25.5
MHz
Equivalent Series Resistance (ESR)
50
Ω
Shunt Capacitance
7pF
Drive Level
1mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com