Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84427CMLF Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS84427CMLF
Description  Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84427CMLF Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS84427CMLF Datasheet HTML 8Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 9Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 10Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 11Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 12Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 13Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 14Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 15Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REVISION B 5/6/15
84427 DATA SHEET
13
CRYSTAL-TO-LVDS
INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
PACKAGE OUTLINE - M SUFFIX FOR 24 LEAD SOIC
TABLE 8. PACKAGE DIMENSIONS
Reference Document: JEDEC Publication 95, MS-013, MO-119
SYMBOL
Millimeters
Minimum
Maximum
N24
A
--
2.65
A1
0.10
--
A2
2.05
2.55
B
0.33
0.51
C
0.18
0.32
D
15.20
15.85
E
7.40
7.60
e
1.27 BASIC
H
10.00
10.65
h
0.25
0.75
L
0.40
1.27
α
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com