Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84427CMLF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS84427CMLF
Description  Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84427CMLF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS84427CMLF Datasheet HTML 7Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 8Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 9Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 10Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 11Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 12Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 13Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 14Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REVISION B 5/6/15
84427 DATA SHEET
11
CRYSTAL-TO-LVDS
INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the 84427.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the 84427 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
DD = 3.3V + 5% = 3.465V, which gives worst case results.
•
Power (core)
MAX = VDD_MAX * (IDD_MAX + IDDA_MAX) = 3.465V * (300mA + 30mA) = 1143.45mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of
the device. The maximum recommended junction temperature for the devices is 125°C.
The equation for Tj is as follows: Tj =
θJA * Pd_total + TA
Tj = Junction Temperature
θJA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θJA must be used. Assuming a
moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 43°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 1.143W * 43°C/W = 119.1°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).
TABLE 6. THERMAL RESISTANCE
θJA FOR 24-PIN SOIC, FORCED CONVECTION
θJA by Velocity (Linear Feet per Minute)
0
200
500
Multi-Layer PCB, JEDEC Standard Test Boards
50°C/W
43°C/W
38°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com