Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84427CMLF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS84427CMLF
Description  Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84427CMLF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS84427CMLF Datasheet HTML 6Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 7Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 8Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 9Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 10Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 11Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 12Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 13Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CRYSTAL-TO-LVDS
INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
84427 DATA SHEET
10
REVISION B 5/6/15
The following component footprints are used in this layout
example:
All the resistors and capacitors are size 0603.
POWER AND GROUNDING
Place the decoupling capacitors C3, C5 and C6, as close as
possible to the power pins. If space allows, placement of the
decoupling capacitor on the component side is preferred. This
can reduce unwanted inductance between the decoupling ca-
pacitor and the power pin caused by the via.
Maximize the power and ground pad sizes and number of vias
capacitors. This can reduce the inductance between the power
and ground planes and the component power and ground pins.
The RC filter consisting of R7, C11, and C16 should be placed
as close to the V
DDA pin as possible.
CLOCK TRACES AND TERMINATION
Poor signal integrity can degrade the system performance or
cause system failure. In synchronous high-speed digital sys-
tems, the clock signal is less tolerant to poor signal integrity
than other signals. Any ringing on the rising or falling edge or
excessive ring back can cause system failure. The shape of the
trace and the trace delay might be restricted by the available
space on the board and the component location. While routing
the traces, the clock signal traces should be routed first and
should be locked prior to routing other signal traces.
• The differential 100
Ω output traces should have the
same length.
• Avoid sharp angles on the clock trace. Sharp angle turns
cause the characteristic impedance to change on the
transmission lines.
• Keep the clock traces on the same layer. Whenever pos-
sible, avoid placing vias on the clock traces. Placement
of vias on the traces can affect the trace characteristic
impedance and hence degrade signal integrity.
• To prevent cross talk, avoid routing other signal traces
in parallel with the clock traces. If running parallel traces
is unavoidable, allow a separation of at least three trace
widths between the differential clock trace and the other
signal trace.
• Make sure no other signal traces are routed between
the clock trace pair.
• The matching termination resistors should be located
as close to the receiver input pins as possible.
CRYSTAL
The crystal X1 should be located as close as possible to the pins
20 (XTAL_IN) and 19 (XTAL_OUT). The trace length between
the X1 and U1 should be kept to a minimum to avoid unwanted
parasitic inductance and capacitance. Other signal traces should
not be routed near the crystal traces.
FIGURE 5B. PCB BOARD LAYOUT FOR 84427
VDDA
X1
C1
C5
U1
Signals
C6
ICS84427
VDD
C2
Pin1
C3
VIA
C16
C11
50 Ohm Traces
R7
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com